Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS245 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74LS245
Description  Octal Bus Transceivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS245 Datasheet(HTML) 2 Page - ON Semiconductor

  74LS245 Datasheet HTML 1Page - ON Semiconductor 74LS245 Datasheet HTML 2Page - ON Semiconductor 74LS245 Datasheet HTML 3Page - ON Semiconductor 74LS245 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SN74LS245
http://onsemi.com
2
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VT+–VT–
Hysteresis
0.2
0.4
V
VCC = MIN
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VO
Output HIGH Voltage
2.4
3.4
V
VCC = MIN, IOH = – 3.0 mA
VOH
Output HIGH Voltage
2.0
V
VCC = MIN, IOH = MAX
VO
Output LOW Voltage
0.25
0.4
V
IOL = 12 mA
VCC = VCC MIN,
VIN =VIL or VIH
VOL
Output LOW Voltage
0.35
0.5
V
IOL = 24 mA
VIN = VIL or VIH
per Truth Table
IOZH
Output Off Current HIGH
20
µA
VCC = MAX, VOUT = 2.7 V
IOZL
Output Off Current LOW
– 200
µA
VCC = MAX, VOUT = 0.4 V
I
I
t HIGH C
t
A or B, DR or
E
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
DR or E
0.1
mA
VCC = MAX, VIN = 7.0 V
A or B
0.1
mA
VCC = MAX, VIN = 5.5 V
IIL
Input LOW Current
– 0.2
mA
VCC = MAX, VIN = 0.4 V
IOS
Output Short Circuit Current (Note 1)
–40
– 225
mA
VCC = MAX
I
Power Supply Current
Total, Output HIGH
70
A
V
MAX
ICC
Total, Output LOW
90
mA
VCC = MAX
Total at HIGH Z
95
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C, VCC = 5.0 V, TRISE /TFALL ≤ 6.0 ns)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Propagation Delay, Data to Output
8.0
8.0
12
12
ns
CL = 45 pF,
tPZH
Output Enable Time to HIGH Level
25
40
ns
CL = 45 F,
RL = 667 Ω
tPZL
Output Enable Time to LOW Level
27
40
ns
tPLZ
Output Disable Time from LOW Level
15
25
ns
CL = 5.0 pF,
tPHZ
Output Disable Time from HIGH Level
15
25
ns
L
RL = 667 Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com