Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM60M Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM60M
Description  60W MEDICAL OPEN FRAME AC-DC MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM60M Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM60M Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM60M Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V16
2
Specifications
CFM60M Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…............................................... 90~264Vac
120~370Vdc
Frequency ………………………………………………………..... 47 to 63Hz
Inrush Current ………….… Cold Start@25℃ ............. 75A max. @240Vac
Input Current ……….………………. 100Vac/1.6A max., 240Vac/0.8Amax.
Leakage Current ……………………………………….…...…… 100uA max.
OUTPUT SPECIFICATIONS:
Hold-up Time ………………………..……………….… 16ms typ. @115Vac
Short Circuit Protection …………….....…... Hiccup Mode (Auto Recover)
Over Voltage Protection ………………...…….... TVS Component to Clamp
Temperature Coefficient ……………………............................... ±0.05%/℃
GENERAL SPECIFICATIONS:
Isolation ……………………....…… Input to output = 4000VAC (5,656VDC)
Operating Temperature (note 9) ................ -20 ~ 70℃ (see Derating Curve)
Storage Temperature …………………………....….......…............. -20~85℃
Humidity ..................................................... 93% RH max. Non-Condensing
Cooling ………………………..…………………..……..... Natural Convection
Switching Frequency …………………………………….……. 65KHz Typical
MTBF ……….… MIL-HDBK-217F, GB, 25℃/115VAC …… 200Khrs min.
Altitude ……………………..……………………….…………………… 3000m
Dimensions …….…... 4.000x2.000x1.100inches (101.60x50.80x27.94mm)
NOTE:
CFM60MXXX-CA …... 4.606x2.362x1.575inches (117.00x50.80x40.00mm)
1. Voltage accuracy is set at full load and 25℃ Ta.
Weight ……………………………………..………………………… 125g
2. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
SAFETY AND EMC:
ripple&noise measuring @20MHz BW.
Emission and Immunity (Ed. 4.0) ……….. EN55011, EN55032 Class B, EN55024
3. Line regulation is measured from 100Vac to 240Vac with full load.
FCC CFR 47 Part 15, 18, EN61204-3, EN61000-6-1
4. Load regulation is measured from 10% to 100% full load.
EN61000-6-3, EN60601-1-2, EN61000-3-2, EN61000-3-3
5. Typical Efficiency at 230 VAC and Full Load at 25°C
Safety (Ed. 3.1) …. Class I, IEC60601-1:2005+A1:2012, EN60601-1:2006/A1:2003
6. Standard input and output connectors (CN1 and CN2) wafer with
UL ANSI/AAMI ES60601-1:2005, IEC60950-1, EN60950-1, UL60950-1
TAIWAN KING PIN TERMINAL PVHI series and mate with JST housing
VHR series and JST SVH-21/41T-P1.1 series crimp terminal or Equivalent.
7. Optional Input and output connectors (CN1 and CN2) wafer with
LONG CHU P3060 series and mate with MOLEX housing 5195 series
and MOLEX 5194 series crimp terminal or equivalent.
8. Safety approvals do not apply to the covered versions, only to the open frame versions.
9. Others model refer to application note.
Mechanical Specification
0.150[3.80]
4.000[101.60]
3.701[94.00]
All Dimensions in Inches[mm]
Tolerance Inches:x.xxx±0.02
Millimeters:x.xx±0.5
ACL
CN1
ACN
PE
PE
CN2
1
2
3
4
LED
Output connector CN2
Pin 1
+ Vout
VR
Pin 2
Pin 3
Input connector CN1
Pin 1
Line
Not Fitted
Pin 2
Neutral
Pin 3
Pin 4
+ Vout
- Vout
- Vout
0.236[6.00]
4.606[117.00]
0.846[21.50]
3.701[94.00]
0.236[6.00]
2.441[62.00]
0.039[1.00]
2.362[60.00]
CFM60MXXX
4-Φ
0.1
25
[Φ
3.1
8]
CFM60MXXX-CA
4-
M
3x
0.5
P
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified
Open Frame versions:
Covered versions:
CFM60M050-CA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com