Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803922 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803922
Description  IPCV 16/ 7-G-10,16
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803922 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803922 Datasheet HTML 1Page - PHOENIX CONTACT 0803922 Datasheet HTML 2Page - PHOENIX CONTACT 0803922 Datasheet HTML 3Page - PHOENIX CONTACT 0803922 Datasheet HTML 4Page - PHOENIX CONTACT 0803922 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Feb 7, 2011
Extract from the online
catalog
 
IPCV 16/ 7-G-10,16
Order No.: 1969742
The figure shows a 5-pos. version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1969742
 
 
Header, Nominal current: 76 A, Rated voltage (III/2): 1000 V, Number
of positions: 7, Pitch: 10.16 mm, Color: green, Metal surface: Sn,
Assembly: Soldering
 
Commercial data
GTIN (EAN)
4
017918
946760
Note
Made-to-order
sales group
E541
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 426 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
05/05/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
13.6 mm
Pitch
10.16 mm
Dimension a
60.96 mm
Number of positions
7


Similar Part No. - 0803922

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803922 PHOENIX-0803922 Datasheet
49Kb / 3P
Marker card - SK U/5,0 WH:UNBEDRUCKT
0803922 PHOENIX-0803922 Datasheet
159Kb / 6P
GMKDSP 3/ 2
0803922 PHOENIX-0803922 Datasheet
138Kb / 6P
GMKDSP 3/ 3
0803922 PHOENIX-0803922 Datasheet
145Kb / 6P
MKDSP 10HV/ 2-12,7
0803922 PHOENIX-0803922 Datasheet
154Kb / 5P
IPCV 16/ 3-G-10,16
More results

Similar Description - 0803922

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1703085 PHOENIX-1703085 Datasheet
75Kb / 3P
Housing - DFK-IPCV 16/ 5-G-10,16
1703098 PHOENIX-1703098 Datasheet
74Kb / 3P
Housing - DFK-IPCV 16/ 6-G-10,16
1703108 PHOENIX-1703108 Datasheet
75Kb / 3P
Base strip - DFK-IPCV 16/ 7-G-10,16
1703111 PHOENIX-1703111 Datasheet
75Kb / 3P
Housing - DFK-IPCV 16/ 8-G-10,16
1969700 PHOENIX-1969700 Datasheet
154Kb / 5P
IPCV 16/ 3-G-10,16
1969713 PHOENIX-1969713 Datasheet
154Kb / 5P
IPCV 16/ 4-G-10,16
1969739 PHOENIX-1969739 Datasheet
154Kb / 5P
IPCV 16/ 6-G-10,16
1969768 PHOENIX-1969768 Datasheet
82Kb / 4P
Base strip - IPCV 16/ 9-G-10,16
1969823 PHOENIX-1969823 Datasheet
77Kb / 4P
Base strip - IPCV 16/ 7-GF-10,16
1969690 PHOENIX-1969690 Datasheet
82Kb / 4P
Base strip - IPCV 16/ 2-G-10,16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com