Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM100M075 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM100M075
Description  100W MEDICAL&ITE OPEN FRAME AC-DC MODULES WITH PFC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM100M075 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM100M075 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM100M075 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V20
2
Specifications
CFM100M Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…........................................... 90~264Vac
120~370Vdc
Frequency ………………………………………….……………..... 47 to 63Hz
Inrush Current ………………….……………................... 80A max. @240Vac
Leakage Current ………………………………………….…...…… 300uA max.
OUTPUT SPECIFICATIONS:
Hold-up Time ………………………………………………………... 16ms typ.
Short Circuit Protection ……….……………… Hiccup Mode (Auto Recovery)
Adjustment Range on Vout…………………………………………………. ±5%
Over Voltage Protection ………………………… Recycle AC Input to Restart
Temperature Coefficient ……………………..............................… ±0.05%/℃
GENERAL SPECIFICATIONS:
Isolation …………………………………………… Input to output = 5,656VDC
NOTE:
Operating Temperature ........................... -20℃~ 70℃ (see Derating Curve)
1. CFM100M050:Add a 0.1uF ceramic capacitor and 220uF E.L.
Storage Temperature ……………………………….........……........ -20 ~ 85℃
capacitor to output for Ripple & Noise measuring @20MHz BW.
Humidity ...................................................... 93% RH max. Non Condensing
Other Model: Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to
Cooling ……………………………………………………. Natural Convection
output for ripple&noise measuring @20MHz BW.
Switching Frequency ………………………............................. 90KHz Typical
2. Voltage accuracy is set at 100% rated load and 25℃ Ta.
MTBF ………….… MIL-HDBK-217F, GB, 25℃/115VAC ….… 200Khrs min.
3. Line regulation is measured from high line to low line with full load.
Altitude ……………………..………………...………………………….. 3000m
4. Load regulation is measured from Full to 10% load.
Dimensions ………….. 5.000x3.000x1.050inches (127.00x76.20x26.67mm)
5. Typical efficiency at 230VAC and full load at 25℃.
Weight ………………………………………………………... 270g (0.6Pounds)
6. Standard input and output connectors wafer with LONG CHU P3060
SAFETY AND EMC:
series and mate with MOLEX housing 09-50-1031 and 09-50-1081 or
Emission and Immunity ………………. EN55024, EN61000-6-1, EN61204-3
equivalent.
EN60601-1-2, EN61000-3-2 Class A, B, C, D, EN61000-3-3
7. DC output pin 1, 2, 3, 4: Vout (-), DC output pin 5, 6, 7, 8: Vout (+).
EN55011 Class B, EN55032 Class B, FCC Part15 Class B
Safety …………. Class I, ANSI/AAMI ES60601-1:2005, IEC/EN/UL 60950-1
Mechanical Specification
All Dimensions are in inches[mm]
Tolerance:
Inches:x.xxx= ±0.02
Millimeters:x.xx= ±0.5
4
5
6
7
8
1
2
3
ACL
ACN
LED
RS-
RS+
VR
4-Φ0
.157
[Φ4.
00]
5.000 [127.00]
4.546[115.48]
0.224 [5.70]
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified
CFM100M
0%
25%
50%
75%
100%
-20
-10
0
10
20
30
40
50
60
70
Ambient Temperature(C)
20LFM(Natural Convection)
100LFM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com