Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM130M Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM130M
Description  130 WATT MEDICAL AC-DC POWER SUPPLY WITH PFC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM130M Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM130M Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM130M Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V11
2
Specifications Specifications
CFM130M Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…........................................................ 80~264Vac
Frequency ………………………………..………………………..... 47 to 63Hz
Inrush Current ………………….…… Cold start @25℃100A max. @240Vac
Input Current ……….……………..…. 100Vac/1.5A max., 240Vac/0.8Amax.
Leakage Current ……………………..………………….…...…… 100uA max.
OUTPUT SPECIFICATIONS:
Holdup Time …………………………………………… 20ms min. @115Vac
Short Circuit Protection …………….....…….. Hiccup Mode (Auto Recover)
Over Voltag
e Protection ……………………………….……… Auto Recover
Temperature Coefficient …………………….....................… ±0.05%/℃ max.
GENERAL SPECIFICATIONS:
Isolation ………………………………………… Input to output = 4000VAC
Operating Temperature ............................ -30 ~ 70℃ (See Derating Curve)
Storage Temperature ……………………….……...….....……...... -40 ~ 85℃
Humidity …………………...….......……........ 93% RH max. Non condensing
Cooling
…………….. Natural Convection@100W, 10CFM Air Flow@130W
Switching Frequency …………………………………………105 KHz Typical
MTBF ….....… MIL-HDBK-217F, GB, 25℃/115VAC ………. 400 Khrs min.
Altitude …………………………………………………………………… 5000m
Dimensions ……….……… 3.000x2.000x1.20 inches (76.2x50.8x30.5mm)
-B ...
….… 3.598x2.000x1.299 inches (91.4x50.8x33.0mm)
-C .
….…... 3.598x2.520x1.358 inches (91.4x64.0x34.5mm)
Weight ………………………………………..…… 135g, 170g(-B), 218g(-C)
SAFETY AND EMC:
Emission and Immunity (Ed. 4.0)
………. EN55011 Class B, IEC61000-3-2
IEC61000-4-2, 3, 4, 5, 6, 8, 11, IEC61000-3-3, FCC Part 18 Class B(note 7)
Safety (Ed. 3.1)
……………….. Class Ι, Class II, IEC60601-1, EN60601-1
NOTE:
UL ANSI/AAMI ES60601-1
1. Voltage accuracy is set at full load.
2. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
ripple & noise measuring @20MHz BW.
3. Line regulation is measured from 100Vac to 240Vac with full load.
4. Load regulation is measured from 10% to 100% full load.
5. Typical efficiency at 230 VAC and full load at 25°C.
6. Standard input and output connectors (CN1 and CN2) wafer with
TAIWAN KING PIN TERMINAL PVHI series and mate with JST
housing VHR series or equivalent.
7. Requires 10CFM.
Mechanical Specification
All Dimensions In Inches[mm]
Tolerance
Inches:x.xxx= ± 0.02
Millimeters: x.xx = ± 0.5
1
2
3
4
5
6
PIN CONNECTION
Pin
Function
1
ACL
2
ACN
3
-Vout
4
-Vout
5
+Vout
6
+Vout
0.150 [3.81]
2.700 [68.58]
3.000 [76.20]
Air Flow
Direction
CFM130M
3.354 [85.20]
3.598 [91.40]
3
6
5
4
1
2
Air Flow
Direction
0.150 [3.80]
3.598 [91.40]
2
1
6
4
5
3
Air Flow
Direction
CFM130M-B
CFM130M-C
PE
PE
PE
Typical at 25
℃, nominal line and 75% load, unless otherwise Specified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com