Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM150M Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM150M
Description  150W MEDICAL AND ITE OPEN FRAME AC-DC MODULES WITH PFC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM150M Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM150M Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM150M Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V16
2
Specifications
CFM150M Series Derating Curve
INPUT SPECIFICATIONS:
Voltage
…....………........…........................................... 90~264Vac
120~370Vdc
Frequency
………………………………………….……………..... 47 to 63Hz
Inrush Current
………………….……………................. 110A max. @240Vac
Leakage Current
………………………………………….…...…… 300uA max.
OUTPUT SPECIFICATIONS:
Hold-up Time
………………………………………………………... 16ms typ.
Short Circuit Protection
……….…….………… Hiccup mode(Auto Recovery)
Adjustment Range on Vout
………………………………………………. ±5%
Over Voltage Protection
………………………… Recycle AC input to restart
Temperature Coefficient
……………………..............................… ±0.05%/℃
GENERAL SPECIFICATIONS:
Isolation
………………………………….……… Input to output = 5,656VDC
NOTE:
Operating Temperature .......................... -20℃~ 70℃ (see Derating Curve)
1. Add a 0.1uF ceramic capacitor and 10uF E.L.
Storage Temperature ……………….…………….........……........ -20 ~ 85℃
capacitor to output for Ripple & Noise measuring @20MHz BW.
Humidity ....................................................... 93% RH max. Non Condensing
2. Voltage accuracy is set at 100% rated load and 25℃ Ta.
Cooling
……………………………………………………. Natural Convection
3. Line regulation is measured from high line to low line with full load.
Switching Frequency ………………………............................ 90KHz Typical.
4. Load regulation is measured from full to 10% load.
MTBF ………….… MIL-HDBK-217F, GB, 25℃/115VAC …… 100Khrs min.
5. Typical efficiency at 230VAC and full load at 25℃.
Altitude
……………………..………………...………………………….. 3000m
6. Standard input and output connectors wafer with LONG CHU P3060
Dimensions
………….. 5.000x3.000x1.050inches (127.00x76.20x26.67mm)
series and mate with MOLEX housing 09-50-1031 and 09-50-1081 or
Weight
………………………………………………………... 270g (0.6Pounds)
equivalent.
SAFETY AND EMC:
7. DC output pin 1, 2, 3, 4: Vout (-), DC output pin 5, 6, 7, 8: Vout (+).
Emission and Immunity (Ed. 4.0)
…………..… EN55011, EN55032 Class B
FCC CFR 47 Part 15, EN61000-3-2, 3, IEC61000-4-2, 3, 4, 5, 6, 8, 11
Safety (Ed. 3.1)
……………………. Class I, IEC60601-1:2005+A1:2012
IEC60950-1:2005+A1:2009+A2:2013, EN60601-1:2006+A11:2011+A1+A12
E N 6 0 9 5 0 - 1 : 2 0 0 6 + A 1 1 +A 1 + A 1 2 : 2 0 1 1 + A 2 : 2 0 1 3
UL ANSI/AAMI ES60601-1:2005, UL60950-1, 2
nd Editon
CFM150M Series
All Dimensions are in inches[mm]
Tolerances: Inches:x.xxx=±0.02
Millimeters:x.xx=±0.5
2
3
4
5
6
7
1
8
ACL
ACN
RS-
RS+
VR
LED
0.224 [5.70]
5.000 [127.00]
4.546 [115.48]
4-
Φ0.157[Φ
4.00]
Typical at
25˚C, nominal line and 75% load, unless otherwise Specified
0%
20%
40%
60%
80%
100%
-20 -10
0
10
20
30
40
50
60
70
Ambient Temperature(
oC)
20LFM(Natural Conv ection)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com