Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O2HK Datasheet(PDF) 4 Page - Fox Electronics

Part # O2HK
Description  2.5x2.0mm 32.768kHz SMD Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O2HK Datasheet(HTML) 4 Page - Fox Electronics

  O2HK Datasheet HTML 1Page - Fox Electronics O2HK Datasheet HTML 2Page - Fox Electronics O2HK Datasheet HTML 3Page - Fox Electronics O2HK Datasheet HTML 4Page - Fox Electronics O2HK Datasheet HTML 5Page - Fox Electronics O2HK Datasheet HTML 6Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2.5x2.0mm 32.768kHz SMD Oscillator
O2HK
(former FK21x, FK23x, FK24x Series)
DATASHEET
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description: O2HK SERIES STANDARD SPECIFICATIONS
Drawing Number: O2HK-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson:
MAJ
Approved: BEC
Revision Date: 02/25/2020
Page 4 of 6
VARIABLE VOLTAGE ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Frequency (FO)
32.768 kHz
Storage Temperature Range (TSTG)
-55 ~ +125°C
Supply Voltage
(VDD)
1.7V ~ 3.63V
Input Current
(IDD)
130 µA
Standby Current
10 µA
Output Symmetry (50%VDD)
45% ~ 55%
Rise/Fall Time (10%~90%VDD Levels) (TR/TF)
50 nS
Output Voltage
(VOL)
(VOH)
10% VDD
90% VDD Min
Output Load
(HCMOS)
15 pF
Start-up Time
(TS)
3 mS
Output Disable Time 1
1 µS
Output Enable Time 1
3 mS
ENABLE/DISABLE FUNCTION
Pin 1
Output (pin3)
Open1
Active
‘1” Level V
IH≥70%VDD
Active
‘0” Level V
IL≤30%VDD
High Z
Frequency
Stability
Operating
Temperature (ºC)
±50PPM2
-20 ~ +70
±50PPM2
-40 ~ +85
±25PPM2
-20 ~ +70
±25PPM3
-40 ~ +85
±20PPM3
-10 ~ +60
1 An internal pull-up resistor from pin 1 to pin 4 allows active output if pin 1 is left open
2 Inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, reflow, one-year aging, shock, and vibration.
3 Inclusive of 25°C tolerance, operating temperature range.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com