Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O3LS Datasheet(PDF) 1 Page - Fox Electronics

Part # O3LS
Description  3.2x2.5mm SMD LVDS Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O3LS Datasheet(HTML) 1 Page - Fox Electronics

  O3LS Datasheet HTML 1Page - Fox Electronics O3LS Datasheet HTML 2Page - Fox Electronics O3LS Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3.2x2.5mm SMD LVDS Oscillator
O3LS
DATASHEET
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: O3LS SERIES STANDARD SPECIFICATIONS
Drawing Number: O3LS-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 10/07/2019
Page 1 of 3
•
LVDS Output
•
Stabilities to ±20 PPM
•
Operating Temperature Range to -40ºC to +85ºC
•
Supply Voltages: 2.5V, 3.3V
Specifications
PARAMETERS
MAX (unless otherwise noted)
Frequency Range
13.5 ~ 250MHz
StorageTemperature Range (TSTG)
-55 ~ +125°C
Supply Voltage
(VDD)
2.5V±10%
3.3V±10%
Input Current
(IDD)
50mA
Standby Current
15µA
Output Symmetry
(50% VP-P)
45% ~ 55%
Rise Time (20%~80% VP-P)
500pS
Fall Time (80%~20% VP-P)
500pS
Differential Output Voltage (VOD)
0.247V ~ 0.454V
Differential Offset Voltage (VOS)
1.125V ~ 1.375V
Output Load
100 Ohms Typical
Start-up Time
(TS)
10mS
Output Disable Time 1
200nS
Output Enable Time 1
10mS
Aging (per year @ 25C)
±3PPM
Phase Jitter (12kHz~20MHz)
1pS
• Available Options by Stability & Operating Temp
Frequency
Stability
Operating
Temperature (ºC)
Frequency Range (MHz)
±100PPM2
-20 ~ +70
13.500 ~ 250.000
±100PPM2
-40 ~ +85
13.500 ~ 250.000
±50PPM2
-20 ~ +70
13.500 ~ 250.000
±50PPM2
-40 ~ +85
13.500 ~ 250.000
±25PPM2
-20 ~ +70
13.500 ~ 250.000
±25PPM3
-40 ~ +85
13.500 ~ 250.000
±20PPM3
-20 ~ +70
13.500 ~ 250.000
1 An internal pull-up resistor from pin 1 to pin 6 allows active output
if pin 1 is left open
2 Inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, reflow, one-year aging, shock, and vibration.
3 Inclusive of 25°C tolerance, operating temperature range.
ENABLE / DISABLE FUNCTION
Pin1
Out 1 (pin 4), Out 2 (pin 5)
OPEN 1
Active
‘1’ Level VIH
 70%VDD
Active
‘0’ Level VIL
 30%VDD
High Z


Similar Description - O3LS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F330A FOX-F330A Datasheet
235Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F330 FOX-F330 Datasheet
102Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F316R-12.000 FOX-F316R-12.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-12.288 FOX-F316R-12.288 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-20.000 FOX-F316R-20.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-24.000 FOX-F316R-24.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-48.000 FOX-F316R-48.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
O3HL FOX-O3HL Datasheet
242Kb / 3P
HCMOS 3.2x2.5mm SMD Oscillator
O3HS FOX-O3HS Datasheet
343Kb / 7P
HCMOS 3.2x2.5mm SMD Oscillator
O3SL FOX-O3SL Datasheet
217Kb / 3P
3.2x2.5mm HCSL SMD Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com