Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O5LS Datasheet(PDF) 1 Page - Fox Electronics

Part # O5LS
Description  5.0x3.2mm SMD LVDS Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O5LS Datasheet(HTML) 1 Page - Fox Electronics

  O5LS Datasheet HTML 1Page - Fox Electronics O5LS Datasheet HTML 2Page - Fox Electronics O5LS Datasheet HTML 3Page - Fox Electronics O5LS Datasheet HTML 4Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5.0x3.2mm SMD LVDS Oscillator
O5LS
(former F530D/F540D families)
DATASHEET
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description: O5LS SERIES STANDARD SPECIFICATIONS
Drawing Number: O5LS-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 05/06/2020
Page 1 of 4
• LVDS Output
• Stabilities to ±20 PPM
• Operating Temperature Range to -40ºC to +85ºC
• Supply Voltages: 1.8V; 2.5V; 3.3V
2.5V/3.3V Specifications
PARAMETERS
MAX (unless otherwise noted)
Frequency Range
13.5 ~ 250MHz
StorageTemperature Range (TSTG)
-55 ~ +125°C
Supply Voltage
(VDD)
2.5V±10%
3.3V±10%
Input Current
(IDD)
50 mA
Standby Current
15 µA
Output Symmetry
(50% VP-P)
45% ~ 55%
Rise Time (20%~80% VP-P)
0.5 nS
Fall Time (80%~20% VP-P)
0.5 nS
Differential Output Voltage (VOD)
0.247V ~ 0.454V
Differential Offset Voltage (VOS)
1.125V ~ 1.375V
Differential Output Voltage Swing (Vopp)
0.25Vpp min
0.35Vpp min
Output Load
100 Ohms Typical
Start-up Time
(TS)
10 mS
Output Disable Time 1
200 nS
Output Enable Time 1
10 mS
Aging (per year @ 25C)
±3 PPM
Phase Jitter (12kHz~20MHz)
1 pS
• Available Options by Stability & Operating Temp
Frequency
Stability
Operating
Temperature (ºC)
Frequency Range (MHz)
±100PPM2
-10 ~ +70
13.500 ~ 250.000
±100PPM2
-20 ~ +70
13.500 ~ 250.000
±100PPM2
-40 ~ +85
13.500 ~ 250.000
±50PPM2
-10 ~ +70
13.500 ~ 250.000
±50PPM2
-20 ~ +70
13.500 ~ 250.000
±50PPM2
-40 ~ +85
13.500 ~ 250.000
±25PPM2
-10 ~ +70
13.500 ~ 250.000
±25PPM2
-20 ~ +70
13.500 ~ 250.000
±25PPM3
-40 ~ +85
13.500 ~ 250.000
±20PPM3
-20 ~ +70
13.500 ~ 250.000
1 An internal pull-up resistor from pin 1 to pin 6 allows active output if pin 1 is left open
2 Inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, reflow, one-year aging, shock, and vibration.
3 Inclusive of 25°C tolerance, operating temperature range.
ENABLE / DISABLE FUNCTION
Pin1
Out 1 (pin 4), Out 2 (pin 5)
OPEN
1
Active
‘1’ Level VIH
 70%VDD
Active
‘0’ Level VIL
 30%VDD
High Z


Similar Description - O5LS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CCLD-033 ETC2-CCLD-033 Datasheet
597Kb / 3P
5x7mm SMD LVDS Clock Oscillator
logo
ECS, Inc.
ECS-LVDS25 ECS-ECS-LVDS25 Datasheet
225Kb / 2P
SMD LVDS OSCILLATOR
logo
TAI-SAW TECHNOLOGY CO.,...
TS0014A TAI-SAW-TS0014A Datasheet
383Kb / 7P
SMD 7.0x5.0 LVDS SAW Oscillator
TS0016A TAI-SAW-TS0016A Datasheet
407Kb / 8P
SMD 7.0x5.0 LVDS SAW Oscillator
TS0017A TAI-SAW-TS0017A Datasheet
389Kb / 7P
SMD 7.0x5.0 LVDS SAW Oscillator
logo
CRYSTEK CORPORATION
CCLD-033 CRYSTEKMICROWAVE-CCLD-033 Datasheet
319Kb / 3P
5횞7mm SMD LVDS Clock Oscillator
logo
Fox Electronics
O3LS FOX-O3LS Datasheet
211Kb / 3P
3.2x2.5mm SMD LVDS Oscillator
O5HS FOX-O5HS Datasheet
324Kb / 7P
HCMOS 5.0x3.2mm SMD Oscillator
logo
Suzhou HangJing Electro...
CO53D6 HANGJING-CO53D6 Datasheet
303Kb / 1P
OSCILLATOR UNIT WITH LVDS OUTPUT IN SMD 5.0X3.2MM CERAMIC SEAM SEAL PACKAGE.
logo
Yuechung International ...
OD-S5 YIC-OD-S5 Datasheet
294Kb / 1P
OD-S5 Series : Programmable LVDS Crystal Clock Oscillator 5.0x3.2mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com