Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR15RAM Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # TR15RAM
Description  15W Medical SWITCHING ADAPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

TR15RAM Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  TR15RAM Datasheet HTML 1Page - CINCON ELECTRONICS Corporation TR15RAM Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V19
1
TR15RAM SERIES
15W Medical SWITCHING
ADAPTER
Features
* Universal Input Range 90~264VAC
* Meets EN60601-1 and EN55011 Class “B”
* Continuous Short Circuit Protection
* Interchangeable AC Plugs
* Over Voltage Protection
* Efficiency & Standby Power Meet Level V
(Output Cable Length≦1800mm)
* Meets 2MOPP
Ordering information
TR15RAMXXX
-
XX
E XX
-
XX
-BK
Model No.
DC Plug Type
DC Cable Length and Type Color of Overmold Case
01: 720mm
BE: Blue
02: 1220mm
GY: Gray
03: 1800mm
RD: Red
11: 7200mm with Ferrite Core
PE: Purple
12: 1220mm with Ferrite Core
OR: Orange
13: 1800mm with Ferrite Core
* 18AWG / UL1185
MODEL
OUTPUT
VOLTAGE
OUTPUT
CURRENT
RIPPLE & NOISE
NOTE 1
VOLTAGE
ACCURACY
NOTE 2
LINE
REGULATION
NOTE3
LOAD
REGULATION
NOTE4
%EFF.(Typ.)
NOTE5
TR15RAM050
5 V
2.0 A
1%
±3%
±1%
±4%
73%
TR15RAM120
12 V
1.1 A
1%
±2%
±1%
±2%
82%
TR15RAM150
15 V
1.0 A
1%
±2%
±1%
±2%
81%
TR15RAM240
24 V
625 mA
1%
±2%
±1%
±2%
82%
Specifications are subject to change without notice.


Similar Part No. - TR15RAM

ManufacturerPart #DatasheetDescription
logo
Mersen
TR15R MERSEN-TR15R Datasheet
285Kb / 2P
Time Delay/Class RK5
More results

Similar Description - TR15RAM

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-AF4 SKYNET-SNP-AF4 Datasheet
205Kb / 2P
Medical & ITE Switching Adapter
SNP-AF6 SKYNET-SNP-AF6 Datasheet
531Kb / 4P
Medical & ITE Switching Adapter
SNP-AF8 SKYNET-SNP-AF8 Datasheet
602Kb / 4P
Medical & ITE Switching Adapter
logo
CINCON ELECTRONICS Corp...
TR18RDM CINCON-TR18RDM Datasheet
365Kb / 2P
18W MEDICAL SWITCHING ADAPTER
TR36M CINCON-TR36M Datasheet
473Kb / 2P
36W MEDICAL SWITCHING ADAPTER
TR100M CINCON-TR100M Datasheet
340Kb / 2P
100W MEDICAL SWITCHING ADAPTER
TRE15 CINCON-TRE15 Datasheet
376Kb / 2P
15W SWITCHING ADAPTER
TRE15R CINCON-TRE15R Datasheet
293Kb / 2P
15W SWITCHING ADAPTER
TRE15RD CINCON-TRE15RD Datasheet
445Kb / 2P
15W SWITCHING ADAPTER
TRG15 CINCON-TRG15 Datasheet
461Kb / 2P
15W SWITCHING ADAPTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com