Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR15RAM150 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # TR15RAM150
Description  15W Medical SWITCHING ADAPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

TR15RAM150 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  TR15RAM150 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation TR15RAM150 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V19
2
Specifications
TR15RAM Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…........................................... 90~264Vac
Frequency ………………………………………….……………..... 47 to 63Hz
Inrush Current ………………….…………..................... 50A max. @ 240Vac
Leakage Current …………………………………………….…… 0.1mA max.
OUTPUT SPECIFICATIONS:
Hold-up Time …………………………………………… 10ms typ. @115Vac
Temperature Coefficient ...................….........…….....….......…..... ±0.05%/°C
Short Circuit Protection …………….…………… Continuous (Auto Recovery)
Over Voltage Protection …………………………..TVS Component to Clamp
GENERAL CHARACTERISTICS:
NOTE:
Isolation ……………………..……………..……. Input to output = 5,656VDC
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Switching Frequency ………………………………….………… 95KHz typical
Ripple & Noise measuring @20MHz BW.
Operating Temperature .................................. 0 - 70℃(see derating curve)
2. Voltage setpoint at 60% full load.
Storage Temperature ………………...…………...….......……........ -20 - 85℃
3. Line regulation measured from 100Vac to 240Vac full load.
Cooling ………………………………….………………… Natural Convection
4. Load regulation measured from 60% to full load and from 60% to 20%
MTBF ….……… MIL-HDBK-217F, GB, at 25℃/115VAC …… 200Khrs min.
load (60% +/- 40% load).
Humidity .................................................... 93% RH max. Non condensing
5. Typical efficiency at 230VAC and full load at 25℃.
Altitude …………………..……………………………...….…………… 3000m
6. ”Various TR Series adapters are PSE certified. PSE certification alone
Dimensions …..…….. 3.173x1.885x1.704 inches (80.60x47.90x43.30mm)
is not sufficient for importation into Japan. A valid PSE mark must
Weight …………………………………………………… 130g(0.29 Pounds)
contain the name of the importer as shown in the example below. If PSE
SAFETY AND EMC:
mark is required, the name of the registered importer must be supplied
Emission and Immunity (Ed. 4.0) ..... EN55011 Class B, FCC47 CFR Part 15
to Cincon on order placement. Product labels will not contain PSE
EN60601-1-2, EN61000-3-2, 3, IEC61000-4-2, 3, 4, 5, 6, 8, 11
mark if importer name is not supplied. Consult factory or local
Safety (Ed. 3.1) .......................................................… IEC60601-1:2005+A1
representative for details”.
EN60601-1:2006+A11:2011+A1+A12, UL ANSI/AAMI ES60601-1: 2005
Mechanical Specification
3.173[80.60]
70.866[1800.00]±1.969[50.00]
18AWG/1800mm
DC Plug type: V+ ─●)─ V-
DC Plug :Straight(ψ5.5/ψ2.1) L12mm
+
-
Tolerance:Inches:X.XXX±0.02
Millimeters:X.XX±0.5
All Dimensions are in inches[mm]
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified
0%
25%
50%
75%
100%
0
10
20
30
40
50
60
70
Ambient Temperature(oC)
20LFM(Natural Convection)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com