Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR18RDM Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # TR18RDM
Description  18W MEDICAL SWITCHING ADAPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

TR18RDM Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  TR18RDM Datasheet HTML 1Page - CINCON ELECTRONICS Corporation TR18RDM Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V10
2
Specifications
TR18RDM Series Derating Curve
INPUT SPECIFICATIONS:
Voltage
…....………........…......................................................... 80~264Vac
Frequency
………………………………………….…….………..... 47 to 63Hz
Input Current
………….................................................................. 0.5A max.
Inrush Current
……….… Cold start@25℃ ……...... 45A max. @240Vac
Leakage Current
………………………………………….…….…… 30uA max.
OUTPUT SPECIFICATIONS:
Hold-
up Time …………………………………………… 12ms typ. @115Vac
Short Circuit Protection ………… Hiccup Mode Continuous(Auto Recovery)
Over Voltage Protection
………………………..….TVS Component to Clamp
SAFETY AND EMC:
GENERAL SPECIFICATIONS:
Emission and Immunity(Ed4.0)
………. EN55011 Class B, EN61000-3-2, 3
Isolation
…………………………………………… Input to output 4,000VAC
EN60601-1-2, IEC61000-4-2,4,5,6,8,11
Operating Temperature ................................ -30 ~ 70℃(see derating curve)
F C C C F R 4 7 P a r t 1 8 C l a s s B
Storage Temperature ……………………………...….......……........ -30~85℃
Safety (Medical Ed3.1)
……………………..… IEC 60601-1:2005+A1:2012
Humidity …………………...…….......…......... 93% RH max. Non condensing
EN 60601-1:2006+A11:2011+A1+A12:2013
Cooling
……………………………………….…………….. Natural Convection
ANSI/AAMI ES60601-1:2005/A1:2012
Switching Frequency …………………………………………… 65KHz Typical
NOTE:
MTBF …………..… MIL-HDBK-217F, GB, 25℃/115VAC ……750Khrs min.
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Altitude …………………………………………………………………… 5000m
ripple&noise measuring @20MHz BW.
Dimensions
…….….. 3.165x1.693x1.453 inches (80.40x43.00x36.90mm)
2. Voltage setpoint at 60% full load.
Weight
……………………………………………….…… 115g(0.253Pounds)
3. Line regulation is measured from 100Vac to 240Vac full load.
4. Load regulation is measured from 60% to full load and from 60% to
20% load (60% +/- 40% load).
5. Average Efficiency measured at 25%, 50%, 75%, 100% load and input.
Mechanical Specification
70.866[1800.00]±1.969[50.00]
DC Plug :Right Angle(ψ5.5/ψ2.5) L12mm
DC Plug type: V+ ─●)─ V-
22AWG/1800mm
0.157[4.00]
1.667[42.34]
0.874[22.20]±0.005[0.13]
0.315[8.00]
-0.002
+0
[
]
-0.05
+0
0.248[6.30]
1.263[32.08]
0.937[23.80]
1.267[32.18]
Φ1.575[Φ40.00]
3.165[80.40]
Tolerance:Inches:X.XXX±0.02
All Dimensions are in inches[mm]
Millimeters:X.XX±0.5
UNIT: inches[mm]
Typical at
25˚C, nominal line and 75% load, unless otherwise Specified
0%
20%
40%
60%
80%
100%
-30 -20 -10
0
10
20
30
40
50
60
70
Ambient Temperature(
oC)
20LFM(Natural Convection)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com