Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85063TP Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF85063TP
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063TP Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF85063TP Datasheet HTML 20Page - NXP Semiconductors PCF85063TP Datasheet HTML 21Page - NXP Semiconductors PCF85063TP Datasheet HTML 22Page - NXP Semiconductors PCF85063TP Datasheet HTML 23Page - NXP Semiconductors PCF85063TP Datasheet HTML 24Page - NXP Semiconductors PCF85063TP Datasheet HTML 25Page - NXP Semiconductors PCF85063TP Datasheet HTML 26Page - NXP Semiconductors PCF85063TP Datasheet HTML 27Page - NXP Semiconductors PCF85063TP Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
24 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
Because of this method, it is very important to make a read or write access in one go, that
is, setting or reading seconds through to years should be made in one single access.
Failing to comply with this method could result in the time becoming corrupted.
As an example, if the time (seconds through to hours) is set in one access and then in a
second access the date is set, it is possible that the time will increment between the two
accesses. A similar problem exists when reading. A roll-over may occur between reads
thus giving the minutes from one moment and the hours from the next.
Recommended method for reading the time:
1. Send a START condition and the slave address (see Table 39 on page 33) for write
(A2h)
2. Set the address pointer to 4 (Seconds) by sending 04h
3. Send a RESTART condition or STOP followed by START
4. Send the slave address for read (A3h)
5. Read Seconds
6. Read Minutes
7. Read Hours
8. Read Days
9. Read Weekdays
10. Read Months
11. Read Years
12. Send a STOP condition
8.5 Alarm registers
8.5.1 Register Second_alarm
[1]
Default value.
Fig 13. Access time for read/write operations
Table 29.
Second_alarm - second alarm register (address 0Bh) bit description
Bit
Symbol
Value
Place value Description
7
AEN_S
second alarm
0
-
enabled
1[1]
-
disabled
6 to 4
SECOND_ALARM
0[1] to 5
ten’s place
second alarm information
coded in BCD format
3 to 0
0[1] to 9
unit place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com