Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8523
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8523 Datasheet HTML 10Page - NXP Semiconductors PCF8523 Datasheet HTML 11Page - NXP Semiconductors PCF8523 Datasheet HTML 12Page - NXP Semiconductors PCF8523 Datasheet HTML 13Page - NXP Semiconductors PCF8523 Datasheet HTML 14Page - NXP Semiconductors PCF8523 Datasheet HTML 15Page - NXP Semiconductors PCF8523 Datasheet HTML 16Page - NXP Semiconductors PCF8523 Datasheet HTML 17Page - NXP Semiconductors PCF8523 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
14 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
– the countdown timer runs in a repetitive loop and keeps generating timed periods
• When TI_TP is set logic 0
– the INT generation follows the TF flag
– TF stays set until it is cleared
– If TF is not cleared before the next coming interrupt, no INT is generated
– the countdown timer stops after the first countdown
8.2.2.4
COF[2:0]: Clock output frequency
A programmable square wave is available at pin CLKOUT. Operation is controlled by the
COF[2:0] bits in the register Control_2. Frequencies of 32.768 kHz (default) down to 1 Hz
can be generated for use as a system clock, microcontroller clock, input to a charge
pump, or for calibration of the oscillator.
Pin CLKOUT is a push-pull output and enabled at power-on. CLKOUT can be disabled by
setting COF[2:0] to 111. When disabled, the CLKOUT is LOW.
The duty cycle of the selected clock is not controlled. However, due to the nature of the
clock generation, all clock frequencies except 32.768 kHz have a duty cycle of 50 : 50.
The STOP bit function can also affect the CLKOUT signal, depending on the selected
frequency. When the STOP bit is set logic 1, the CLKOUT pin generates a continuous
LOW for those frequencies that can be stopped. For more details of the STOP bit function,
see Section 8.2.1.2.
[1]
Duty cycle definition: % HIGH-level time : % LOW-level time.
[2]
Default value.
[3]
1 Hz clock pulses are affected by offset correction pulses.
Table 11.
CLKOUT frequency selection
COF[2:0]
CLKOUT frequency (Hz) Typical duty cycle[1]
Effect of STOP bit
000[2]
32768
60 : 40 to 40 : 60
no effect
001
16384
50 : 50
no effect
010
8192
50 : 50
no effect
011
4096
50 : 50
CLKOUT = LOW
100
2048
50 : 50
CLKOUT = LOW
101
1024
50 : 50
CLKOUT = LOW
110
1[3]
50 : 50
CLKOUT = LOW
111
CLKOUT = LOW
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com