Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF2129
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF2129 Datasheet HTML 22Page - NXP Semiconductors PCF2129 Datasheet HTML 23Page - NXP Semiconductors PCF2129 Datasheet HTML 24Page - NXP Semiconductors PCF2129 Datasheet HTML 25Page - NXP Semiconductors PCF2129 Datasheet HTML 26Page - NXP Semiconductors PCF2129 Datasheet HTML 27Page - NXP Semiconductors PCF2129 Datasheet HTML 28Page - NXP Semiconductors PCF2129 Datasheet HTML 29Page - NXP Semiconductors PCF2129 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
26 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
8.5.5 Register Weekday_alarm
[1]
Default value.
8.5.6 Alarm function
By clearing the alarm enable bit (AEN_x) of one or more of the alarm registers, the
corresponding alarm condition(s) are active. When an alarm occurs, AF is set logic 1. The
asserted AF can be used to generate an interrupt (INT). The AF is cleared by command.
The registers at addresses 0Bh through 0Fh contain alarm information. When one or
more of these registers is loaded with second, minute, hour, day or weekday, and its
corresponding AEN_x is logic 0, then that information is compared with the current
second, minute, hour, day, and weekday. When all enabled comparisons first match, the
alarm flag (AF in register Control_2) is set logic 1.
The generation of interrupts from the alarm function is controlled via bit AIE. If bit AIE is
enabled, the INT pin follows the condition of bit AF. AF remains set until cleared by
command. Once AF has been cleared, it will only be set again when the time increments
to match the alarm condition once more. Alarm registers which have their AEN_x bit at
logic 1 are ignored.
Table 33.
Weekday_alarm - weekday alarm register (address 0Fh) bit description
Bit
Symbol
Value
Description
7
AEN_W
weekday alarm
0
enabled
1[1]
disabled
6 to 3
-
0
unused
2to0
WEEKDAY_ALARM
0[1] to 6
weekday alarm information coded in BCD
format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com