Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74LS86 Datasheet(PDF) 2 Page - Integral Corp.

Part # IN74LS86
Description  Quad 2-Input Exclusive OR Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LS86 Datasheet(HTML) 2 Page - Integral Corp.

  IN74LS86 Datasheet HTML 1Page - Integral Corp. IN74LS86 Datasheet HTML 2Page - Integral Corp. IN74LS86 Datasheet HTML 3Page - Integral Corp. IN74LS86 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IN74LS86
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
7.0
V
VIN
Input Voltage
7.0
V
VOUT
Output Voltage
5.5
V
Tstg
Storage Temperature Range
-65 to +150
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
4.75
5.25
V
VIH
High Level Input Voltage
2.0
V
VIL
Low Level Input Voltage
0.8
V
IOH
High Level Output Current
-0.4
mA
IOL
Low Level Output Current
8.0
mA
TA
Ambient Temperature Range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS over full operating conditions
Guaranteed Limit
Symbol
Parameter
Test Conditions
Min
Max
Uni
t
VIK
Input Clamp Voltage
VCC = min, IIN = -18 mA
-1.5
V
VOH
High Level Output Voltage
VCC = min, IOH = -0.4 mA
2.7
V
VOL
Low Level Output Voltage
VCC = min, IOL = 4 mA
0.4
V
VCC = min, IOL = 8 mA
0.5
IIH
High Level Input Current
VCC = max, VIN = 2.7 V
40
µA
VCC = max, VIN = 7.0 V
0.2
mA
IIL
Low Level Input Current
VCC = max, VIN = 0.4 V
-0.8
mA
IO
Output Short Circuit Current
VCC = max, VO = 0 V
(Note 1)
-20
-100
mA
ICC
Supply Current
Total with
outputs high
VCC = max
10
mA
Total with
outputs low
15
Note 1: Not more than one output should be shorted at a time, and duration should not exceed one second.
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com