Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR30RAM090 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # TR30RAM090
Description  30W MEDICAL SWITCHING ADAPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

TR30RAM090 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  TR30RAM090 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation TR30RAM090 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V19
2
Specifications
TR30RAM Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…........................................... 90~264Vac
Frequency ………………………………………….…………..…..... 47 to 63Hz
Input Current …………………........... 100Vac/0.8A max., 240Vac/0.4A max.
Inrush Current ………………..….…Cold start@25℃ 100A max. @240Vac
Leakage Current …………………………………………………… 100µA max.
OUTPUT SPECIFICATIONS:
Hold-up Time …………………………………………… 10ms typ. @115Vac
Short Circuit Protection …………….………… Hiccup Mode (Auto Recovery)
NOTE:
Over Voltage Protection ………………. ............... TVS Component to Clamp
1. Voltage accuracy is set at 60% load and 25℃ Ta.
Temperature Coefficient ……………………............................… ±0.05%/℃
2. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
GENERAL SPECIFICATIONS:
Ripple & Noise measuring @20MHz BW.
Isolation …………………………… Input to output = 4,000VAC (5,656VDC)
3. Line regulation measured from 100Vac to 240Vac with full load.
Operating Temperature .................................. 0 ~ 60℃(see drating curve)
4. Load regulation measured from 60% to full load and from 60% to
Storage Temperature ……………………………...….......……........ -20~85℃
20% load (60% +/- 40% load)
Humidity …………………...….......….......... 93% RH max. Non condensing
5. Typical efficiency with 230 VAC and max. load at 25°C.
Cooling …………………………………………………….. Natural Convection
6. ”Various TR Series adapters are PSE certified. PSE certification
Switching Frequency ………………………………………….. 70KHz Typical
alone is not sufficient for importation into Japan. A valid PSE mark
MTBF ……..…..… MIL-HDBK-217F, GB, 25℃/115VAC ….... 200Khrs min.
must contain the name of the importer as shown in the example below.
Altitude …………………………………………………………………… 3000m
If PSE mark is required, the name of the registered importer must be
Dimensions ……..….. 4.278x2.440x1.445Inches (108.67x61.98x36.70mm)
supplied to Cincon on order placement. Product labels will not contain
Weight ……………………………………………………… 300g(0.67 Pounds)
PSE mark if importer name is not supplied. Consult factory or local
SAFETY AND EMC:
representative for details”
Emission and lmmunity (Ed. 4.0) …. EN55011 Class B, FCC CFR47 Part 18 Class B
EN60601-1-2, EN61000-3-2-3, EN61000-4-2, 3, 4, 5, 6, 8, 11
Safety (Ed. 3.1) ………………………………..… IEC60601-1:2005+A1:2012
EN60601-1:2006+A11:2011+A1+A12, UL ANSI/AAMI ES60601-1:2005
IEC 60950-1, EN60950-1, UL60950-1
Mechanical Specification
Millimeters:X.XX±0.5
Tolerance:Inches:X.XXX±0.02
All Dimensions are in inches(mm)
70.866[1800.00]±1.969[50.00]
18AWG/1800mm
DC Plug :Straight(ψ5.5/ψ2.1) L12mm
DC Plug type: V+ ─●)─ V-
4.278[108.67]
+
-
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified
0%
20%
40%
60%
80%
100%
0
10
20
30
40
50
60
Ambient Temperature(oC)
20LFM(Natural Convection)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com