Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR30RAM150 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # TR30RAM150
Description  30W MEDICAL SWITCHING ADAPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

TR30RAM150 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  TR30RAM150 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation TR30RAM150 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V19
1
︳
TR30RAM SERIES
30W MEDICAL
SWITCHING ADAPTER
Features
* Universal Input Range 90~264VAC
* Continuous Short Circuit Protection
* Over Voltage Protection
* Meets EN60601-1 and EN55011 Class B
* Meets 2MOPP
* Efficiency & Standby Power Meet Level V
(Output Cable Length≦1800mm)
* Provide PSE Mark
Ordering information
TR30RAMXXX -
XX
E
XX
-
XX
-BK
Model No.
DC Plug Type
DC Cable Length and Type Color of Overmold Case
01: 720mm
BE: Blue
02: 1220mm
GY: Gray
03: 1800mm
RD: Red
11: 720mm with Ferrite Core
PE: Purple
12: 1220mm with Ferrite Core
OE: Orange
13: 1800mm with Ferrite Core
* 18AWG / UL1185
* 16AWG / UL1185 for 5V、9V
Specifications are subject to change without notice.
MODEL
OUTPUT
VOLTAGE
OUTPUT
CURRENT
RIPPLE &
NOISE
NOTE 2
VOLTAGE
ACCURACY
NOTE 1
LINE
REGULATION
NOET3
LOAD
REGULATION
NOET4
%EFF.(Typ.)
NOTE5
TR30RAM050
5 V
4.0 A
1%
±2%
±1%
±6%
80%
TR30RAM090
9 V
3.0 A
1%
±2%
±1%
±3%
84%
TR30RAM120
12 V
2.5 A
1%
±2%
±1%
±2%
84%
TR30RAM150
15 V
2.0 A
1%
±2%
±1%
±2%
85%
TR30RAM180
18 V
1.67 A
1%
±2%
±1%
±2%
85%
TR30RAM240
24 V
1.25 A
1%
±2%
±1%
±2%
86%


Similar Part No. - TR30RAM150

ManufacturerPart #DatasheetDescription
logo
Powerbox
TR30RAM150-S-21A11 POWERBOX-TR30RAM150-S-21A11 Datasheet
401Kb / 1P
20 - 30 WATTS SINGLE OUTPUT AC/DC MEDICAL
More results

Similar Description - TR30RAM150

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
STD-0505 VOLGEN-STD-0505 Datasheet
94Kb / 2P
ADAPTER-30W
logo
Astrodyne Corporation
AHP3201 ASTRODYNE-AHP3201 Datasheet
652Kb / 5P
30W Medical Grade Switching Power Supplies
logo
Skynet Electronic Copyr...
SNP-AF4 SKYNET-SNP-AF4 Datasheet
205Kb / 2P
Medical & ITE Switching Adapter
SNP-AF6 SKYNET-SNP-AF6 Datasheet
531Kb / 4P
Medical & ITE Switching Adapter
logo
CINCON ELECTRONICS Corp...
TR18RDM CINCON-TR18RDM Datasheet
365Kb / 2P
18W MEDICAL SWITCHING ADAPTER
TR30RDM CINCON-TR30RDM Datasheet
372Kb / 2P
30W MEDICAL SWITCHING ADAPTER
TR36M CINCON-TR36M Datasheet
473Kb / 2P
36W MEDICAL SWITCHING ADAPTER
TR100M CINCON-TR100M Datasheet
340Kb / 2P
100W MEDICAL SWITCHING ADAPTER
TRG30R CINCON-TRG30R Datasheet
276Kb / 2P
30W SWITCHING ADAPTER
TRG30RAV CINCON-TRG30RAV Datasheet
268Kb / 2P
30W SWITCHING ADAPTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com