Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5434722 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5434722
Description  Printed-circuit board connector - BCP-350-20 GY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5434722 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5434722 Datasheet HTML 1Page - PHOENIX CONTACT 5434722 Datasheet HTML 2Page - PHOENIX CONTACT 5434722 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5434722
11/07/2014   Page 1 / 3
Printed-circuit board connector - BCP-350-20 GY - 5434722
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 20, Pitch: 3.5 mm,
Connection method: Screw connection, Color: signal grey, Contact surface: Tin
The figure shows a 5-pos. version of
the product
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
China
Technical data
Dimensions
Height
11.1 mm
Pitch
3.5 mm
Dimension a
66.5 mm
General
Range of articles
BCP
Insulating material group
I
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
160 V
Rated voltage (III/2)
160 V
Rated voltage (II/2)
320 V
Connection in acc. with standard
EN-VDE
Nominal current IN
8 A


Similar Part No. - 5434722

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5434706 PHOENIX-5434706 Datasheet
65Kb / 3P
Printed-circuit board connector - BCP-350-18 GY
5434719 PHOENIX-5434719 Datasheet
65Kb / 3P
Printed-circuit board connector - BCP-350-19 GY
5434735 PHOENIX-5434735 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350F- 2 GY
5434748 PHOENIX-5434748 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350F- 3 GY
5434751 PHOENIX-5434751 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350F- 4 GY
More results

Similar Description - 5434722

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5434544 PHOENIX-5434544 Datasheet
78Kb / 5P
Printed-circuit board connector - BCP-350- 2 GY
5434557 PHOENIX-5434557 Datasheet
78Kb / 5P
Printed-circuit board connector - BCP-350- 3 GY
5434560 PHOENIX-5434560 Datasheet
78Kb / 5P
Printed-circuit board connector - BCP-350- 4 GY
5434609 PHOENIX-5434609 Datasheet
78Kb / 5P
Printed-circuit board connector - BCP-350- 8 GY
5434719 PHOENIX-5434719 Datasheet
65Kb / 3P
Printed-circuit board connector - BCP-350-19 GY
5434670 PHOENIX-5434670 Datasheet
65Kb / 3P
Printed-circuit board connector - BCP-350-15 GY
5434683 PHOENIX-5434683 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350-16 GY
5434625 PHOENIX-5434625 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350-10 GY
5434638 PHOENIX-5434638 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350-11 GY
5434599 PHOENIX-5434599 Datasheet
66Kb / 3P
Printed-circuit board connector - BCP-350- 7 GY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com