Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAF-80-40-P-A-R Datasheet(PDF) 1 Page - Festo Corporation.

Part # STAF-80-40-P-A-R
Description  Stopper cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

STAF-80-40-P-A-R Datasheet(HTML) 1 Page - Festo Corporation.

  STAF-80-40-P-A-R Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Stopper cylinder
STAF-80-40-P-A-R
Part number: 164894
Data sheet
Feature
Value
Stroke
40 mm
Piston diameter
80 mm
Type code
STAF
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Mode of operation
Single-acting
Pulling
Design
Piston rod with roller
Piston
Position sensing
For proximity sensor
Symbol
00991204
Variants
Piston rod at one end
Protection against torsion/guide
Flattened piston rod
Operating pressure
1 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
0 °C ... 60 °C
Permissible impact force on the advanced piston rod
13300 N
Permissible lateral force during switching operation
4000 N
Product weight
5350 g
Type of mounting
With through-hole
Pneumatic connection
G1/8
Note on materials
Free of copper and PTFE
Cover material
Aluminum
Seals material
NBR
Housing material
Aluminum
Piston rod material
High-alloy stainless steel
Roller material
Steel
11/18/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - STAF-80-40-P-A-R

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
STAF-80-30-P-A-R FESTO-STAF-80-30-P-A-R Datasheet
81Kb / 1P
Stopper cylinder
More results

Similar Description - STAF-80-40-P-A-R

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DFSP-16-10-DF-PA FESTO-DFSP-16-10-DF-PA Datasheet
81Kb / 1P
Stopper cylinder
DFSP-16-10-PF-PA FESTO-DFSP-16-10-PF-PA Datasheet
76Kb / 1P
Stopper cylinder
DFSP-20-10-S-PA FESTO-DFSP-20-10-S-PA Datasheet
75Kb / 1P
Stopper cylinder
DFSP-20-15-DF-PA FESTO-DFSP-20-15-DF-PA Datasheet
82Kb / 1P
Stopper cylinder
DFSP-20-15-DS-PA FESTO-DFSP-20-15-DS-PA Datasheet
82Kb / 1P
Stopper cylinder
DFSP-20-20-DS-PA FESTO-DFSP-20-20-DS-PA Datasheet
81Kb / 1P
Stopper cylinder
DFSP-32-15-PF-PA FESTO-DFSP-32-15-PF-PA Datasheet
78Kb / 1P
Stopper cylinder
DFSP-40-20-F-PA FESTO-DFSP-40-20-F-PA Datasheet
77Kb / 1P
Stopper cylinder
DFSP-40-20-PS-PA FESTO-DFSP-40-20-PS-PA Datasheet
77Kb / 1P
Stopper cylinder
DFSP-40-25-PS-PA FESTO-DFSP-40-25-PS-PA Datasheet
78Kb / 1P
Stopper cylinder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com