Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRG30RAV Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # TRG30RAV
Description  30W SWITCHING ADAPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

TRG30RAV Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  TRG30RAV Datasheet HTML 1Page - CINCON ELECTRONICS Corporation TRG30RAV Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V15
2
Specifications
TRG30RA-V Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…........................................... 90~264Vac
Frequency ………………………………………….……………..... 47 to 63Hz
Input Current ………….................................................... 0.8A max.
Inrush Current ……….… Cold start@25℃ ……...... 100A max. @240Vac
Leakage Current …………………………………………….…… 0.25mA max
OUTPUT SPECIFICATIONS:
Hold-up Time …………………………………………… 10ms typ. @115Vac
Short Circuit Protection ………… Hiccup Mode Continuous(Auto Recovery)
Over Voltage Protection ………………............................................... Latch
NOTE:
GENERAL SPECIFICATIONS:
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Isolation …………………………………………… Input to output (4,242VDC)
Ripple & Noise measuring @20MHz BW.
Operating Temperature ................................ -20 ~ 60℃(see drating curve)
2. Voltage setpoint at 60% full load.
Storage Temperature ……………………………...….......……........ -20~85℃
3. Line regulation is measured from 100Vac to 240Vac full load.
Humidity …………………...…….......…......... 93% RH max. Non condensing
4. Load regulation is measured from 60% to full load and from 60% to
Cooling ……………………………………….…………….. Natural Convection
20% load (60% +/- 40% load).
Switching Frequency …………………………………………… 70KHz Typical
5. Average Efficiency measured at 25%,50%,75%,100% load and inpu.
MTBF …………..… MIL-HDBK-217F, GB, 25℃/115VAC …… 200Khrs min.
voltage is 115Vac / 230Vac.
Altitude …………………………………………………………………… 5000m
Dimensions …….….. 4.278x2.440x1.445 inches (108.67x61.98x36.70mm)
Weight ………………………………………………….…… 300g(0.66 Pounds)
SAFETY AND EMC:
Emission and Immunity ……….. EN61204-3, EN 61000-3-2, EN 61000-3-3
FCC CFR Title 47 Part 15 Subpart B
Safety ……………………… Class II, IEC60950-1, UL60950-1, EN60950-1
Mechanical Specification
Millimeters:X.XX±0.5
Tolerance:Inches:X.XXX±0.02
All Dimensions are in inches(mm)
70.866[1800.00]±1.969[50.00]
18AWG/1800mm
DC Plug :Straight(ψ5.5/ψ2.1) L12mm
DC Plug type: V+ ─●)─ V-
4.278[108.67]
+
-
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified
0%
20%
40%
60%
80%
100%
-20 -10
0
10
20
30 40 50
60
70
80
Ambient Temperature(oC)
20LFM(Natural Convection)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com