Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS280 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74LS280
Description  LOW POWER SCHOTTKY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS280 Datasheet(HTML) 1 Page - ON Semiconductor

  74LS280 Datasheet HTML 1Page - ON Semiconductor 74LS280 Datasheet HTML 2Page - ON Semiconductor 74LS280 Datasheet HTML 3Page - ON Semiconductor 74LS280 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 6
1
Publication Order Number:
SN74LS280/D
SN74LS280
9-Bit Odd/Even Parity
Generators/Checkers
The SN74LS280 is a Universal 9-Bit Parity Generator / Checker. It
features odd / even outputs to facilitate either odd or even parity. By
cascading, the word length is easily expanded.
The LS280 is designed without the expander input implementation,
but the corresponding function is provided by an input at Pin 4 and the
absence of any connection at Pin 3. This design permits the LS280 to
be substituted for the LS180 which results in improved performance.
The LS280 has buffered inputs to lower the drive requirements to one
LS unit load.
• Generates Either Odd or Even Parity for Nine Data Lines
• Typical Data-to-Output Delay of only 33 ns
• Cascadable for n-Bits
• Can Be Used To Upgrade Systems Using MSI Parity Circuits
• Typical Power Dissipation = 80 mW
14
13
12
11
10
9
123
456
8
7
VCC
FE
D
C
B
A
G
H
NC
I
∑
EVEN
GND
FE
D
C
B
A
G
HI
INPUTS
INPUT
OUTPUTS
∑
ODD
∑
EVEN
∑
ODD
INPUTS
FUNCTION TABLE
NUMBER OF INPUTS A
OUTPUTS
THRU 1 THAT ARE HIGH
∑EVEN ∑ODD
0, 2, 4, 6, 8
H
L
1, 3, 5, 7, 9
L
H
H = HIGH Level, L = LOW Level
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS280N
14 Pin DIP
2000 Units/Box
SN74LS280D
14 Pin
SOIC
D SUFFIX
CASE 751A
http://onsemi.com
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 646
14
1
14
1


Similar Part No. - 74LS280

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LS280 TI-74LS280 Datasheet
227Kb / 6P
9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
logo
Hitachi Semiconductor
74LS280 HITACHI-74LS280 Datasheet
58Kb / 6P
9-bit Odd/Even Parity Generators/Checkers
More results

Similar Description - 74LS280

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS04 ONSEMI-SN74LS04 Datasheet
72Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS08 ONSEMI-SN74LS08 Datasheet
75Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS109A ONSEMI-SN74LS109A Datasheet
96Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS138 ONSEMI-SN74LS138 Datasheet
124Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS174 ONSEMI-SN74LS174 Datasheet
104Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS195A ONSEMI-SN74LS195A Datasheet
137Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS221 ONSEMI-SN74LS221 Datasheet
120Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS257B ONSEMI-SN74LS257B Datasheet
118Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS260 ONSEMI-SN74LS260 Datasheet
76Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS273 ONSEMI-SN74LS273 Datasheet
117Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com