Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G08 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G08
Description  SN74LVC2G08-Q1 Dual 2-Input Positive-AND Gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G08 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC2G08 Datasheet HTML 1Page - Texas Instruments SN74LVC2G08 Datasheet HTML 2Page - Texas Instruments SN74LVC2G08 Datasheet HTML 3Page - Texas Instruments SN74LVC2G08 Datasheet HTML 4Page - Texas Instruments SN74LVC2G08 Datasheet HTML 5Page - Texas Instruments SN74LVC2G08 Datasheet HTML 6Page - Texas Instruments SN74LVC2G08 Datasheet HTML 7Page - Texas Instruments SN74LVC2G08 Datasheet HTML 8Page - Texas Instruments SN74LVC2G08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics.............................................6
6.6 Switching Characteristics............................................6
6.7 Operating Characteristics........................................... 6
7 Typical Characteristics................................................... 7
8 Parameter Measurement Information............................ 8
9 Detailed Description........................................................9
9.1 Overview..................................................................... 9
9.2 Functional Block Diagram........................................... 9
9.3 Feature Description.....................................................9
9.4 Device Functional Modes..........................................10
10 Application and Implementation................................ 11
10.1 Application Information............................................11
10.2 Typical Application.................................................. 11
11 Application Curves...................................................... 12
12 Power Supply Recommendations..............................12
13 Layout...........................................................................12
13.1 Layout Guidelines................................................... 12
13.2 Layout Example...................................................... 12
14 Device and Documentation Support..........................13
14.1 Receiving Notification of Documentation Updates..13
14.2 Support Resources................................................. 13
14.3 Trademarks.............................................................13
14.4 Glossary..................................................................13
14.5 Electrostatic Discharge Caution..............................13
15 Mechanical, Packaging, and Orderable
Information.................................................................... 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (March 2010) to Revision E (October 2020)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Removed Typical VOLP (Output Ground Bound) <0.8 V at VCC = 3.3 V, TA = 25°C from Features section........1
• Removed Typical VOHV (Output VOHV Undershoot) >2 V at VCC = 3.3 V, TA = 25°C from Features section...... 1
• Removed the Ordering Information table from Description section.................................................................... 1
• Added a Device Information table to the Description section............................................................................. 1
• Added the Logic Diagram (Positive Logic) figure to the Description section...................................................... 1
• Added the Pin Configuration and Functions section...........................................................................................3
• Added SN74LVC2G08DCT-Q1 and SN74LVC2G08DCU-Q1 minimum and maximum operating free-air
temperature ranges to the Recommended Operating Conditions section..........................................................5
• Added the TA temperature ranges (–40°C to 85°C and –40°C to 125°C) for the tpd parameter to the Switching
Characteristics section .......................................................................................................................................6
• Added the Typical Characteristics section.......................................................................................................... 7
• Added the Overview section............................................................................................................................... 9
• Added the Functional Block Diagram section..................................................................................................... 9
• Added the Features Description section.............................................................................................................9
• Added the Device Funcational Modes section..................................................................................................10
• Added the Application and Implementation section.......................................................................................... 11
• Added the Application Information section........................................................................................................11
• Added the Power Supply Recommendations section.......................................................................................12
• Added the Layout section................................................................................................................................. 12
• Added the Layout Guidelines section............................................................................................................... 12
• Added the Layout Example section.................................................................................................................. 12
• Updated the Device and Documentation Support section................................................................................ 13
SN74LVC2G08-Q1
SCES557E – MARCH 2004 – REVISED OCTOBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: SN74LVC2G08-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com