Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC164 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RSC164
Description  General Purpose Microcontroller Featuring Speech Recognition, Speech & Music Synthesis, Speaker Verification and Audio Record/Playback
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RSC164 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RSC164 Datasheet HTML 1Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 2Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 3Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 4Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 5Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 6Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 7Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 8Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RSC-164
DATA SHEET
2
From the Interactive Speech™ Line of Products
ADC
Multiplexer
Digital Logic
AGC
Microcontroller
Preamp and
gain control
RAM
ROM
RSC-164
Microphone
Speaker
General
Purpose I/O
External
Memory
Oscillator
AMP
DAC
RSC-164 OVERVIEW
The RSC-164 is a member of the Interactive Speech™
line of products from Sensory.
It features a high-
performance 8-bit microcontroller with on-chip A/D,
D/A, RAM and ROM. The RSC-164 is designed to bring
a high degree of integration and versatility into low-cost,
power-sensitive consumer applications.
Various functional units have been integrated onto the
CPU core in order to reduce total system cost and
increase system reliability without degrading system
performance. The RSC-164 delivers 4 MIPS of integer
performance
at
14.32
MHz
providing
maximum
performance at minimum cost.
The CPU core embedded in the RSC-164 is an 8-bit,
variable-length-instruction,
microcontroller.
The
instruction set is loosely based on Intel’s 8051
™, and has
a variety of addressing mode mov instructions. The RSC-
164 processor avoids the limitations of dedicated A, B,
and DPTR registers by having completely symmetrical
source and destinations for all instructions. The 384 bytes
of internal RAM are organized as a Register Space.
SPEECH RECOGNITION
The RSC-164 uses a neural network to perform speaker-
independent or speaker-dependent speech recognition.
Speaker-dependent recognition requires external memory
to store speech recognition information (e.g., SRAM,
Flash
Memory).
Speaker-independent
recognition
requires on-chip or off-chip ROM to store the words to be
recognized. The RSC-164 has several additional speech
recognition features as described below.
Continuous listening allows the chip to continuously
listen for a specific word. With this feature a product can
be used in a normal environment and only “activates”
when a specific word, preceded by quiet, is spoken.
Consecutive entry allows the chip to handle several voice
inputs in succession as long as each input is surrounded
by one-half second of quiet.
SPEECH AND MUSIC SYNTHESIS
The RSC-164 provides high-quality speech synthesis by
using a hybrid of a time-domain compression scheme
that improves on conventional ADPCM and a customized
reuse of sounds.
Speech synthesis requires on-chip or
off-chip ROM to store audio sounds for synthesis.
The RSC-164 provides high-quality, low-cost four-voice
music synthesis which allows multiple, simultaneous
instruments for harmonizing. Music synthesis has low
ROM requirements - a 2-3 minute song requires under 5
kbytes of incremental memory. The RSC-164 uses a
MIDI-like system to generate music.
RECORD AND PLAYBACK
The RSC-164 can perform audio record and playback at
various compression levels depending on the quantity
and quality of playback desired.
Data rates of under
14,000 bits per second are achievable while maintaining
very high quality reproduction.
The RSC-164 also
performs silence removal to improve sound quality and
reduce memory requirements.
SPEAKER VERIFICATION
The RSC-164 can also perform text-dependent speaker
verification. After a speaker trains the chip on a specific
word, the chip is able to identify whether that word is
spoken by the original speaker, thus providing biometric
security.
POWER



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com