Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST7LITE3
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST7LITE3 Datasheet HTML 2Page - STMicroelectronics ST7LITE3 Datasheet HTML 3Page - STMicroelectronics ST7LITE3 Datasheet HTML 4Page - STMicroelectronics ST7LITE3 Datasheet HTML 5Page - STMicroelectronics ST7LITE3 Datasheet HTML 6Page - STMicroelectronics ST7LITE3 Datasheet HTML 7Page - STMicroelectronics ST7LITE3 Datasheet HTML 8Page - STMicroelectronics ST7LITE3 Datasheet HTML 9Page - STMicroelectronics ST7LITE3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 167 page
background image
ST7LITE3
6/167
PIN DESCRIPTION (Cont’d)
Legend / Abbreviations for Table 1:
Type:
I = input, O = output, S = supply
In/Output level: CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, int = interrupt, ana = analog
– Output:
OD = open drain, PP = push-pull
The RESET configuration of each pin is shown in bold which is valid as long as the device is in reset state.
Table 1. Device Pin Description
Pin
No.
Pin Name
Level
Port / Control
Main
Function
(after
reset)
Alternate Function
Input
Output
1
VSS
S
Ground
2
VDD
S
Main power supply
3
RESET
I/O CT
X
X
Top priority non maskable interrupt (active low)
4
PB0/AIN0/SS
I/O
CT
X
ei3
X
X
X
Port B0
ADC Analog Input 0 or SPI Slave Select
(active low)
Caution: No negative current injection
allowed on this pin. For details, refer to
section 13.2.2 on page 130
5
PB1/AIN1/SCK I/O
CT
X
X
X
X
Port B1
ADC Analog Input 1 or SPI Serial Clock
Caution: No negative current injection
allowed on this pin. For details, refer to
section 13.2.2 on page 130
6
PB2/AIN2/MISO I/O
CT
X
X
X
X
Port B2
ADC Analog Input 2 or SPI Master In/
Slave Out Data
7
PB3/AIN3/MOSI I/O
CT
X
ei2
X
X
X
Port B3
ADC Analog Input 3 or SPI Master Out
/ Slave In Data
8
PB4/AIN4/
CLKIN**
I/O
CT
X
X
X
X
X
Port B4
ADC Analog Input 4 or External clock
input
9
PB5/AIN5
I/O
CT
X
ei2
X
X
X
Port B5
ADC Analog Input 5
10 PB6/AIN6/RDI
I/O
CT
X
X
X
X
Port B6
ADC Analog Input 6 or LINSCI Input
11 PA7/TDO
I/O CT HS
X
X
X
X
Port A7
LINSCI Output
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com