Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE3 Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST7LITE3
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE3 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST7LITE3 Datasheet HTML 130Page - STMicroelectronics ST7LITE3 Datasheet HTML 131Page - STMicroelectronics ST7LITE3 Datasheet HTML 132Page - STMicroelectronics ST7LITE3 Datasheet HTML 133Page - STMicroelectronics ST7LITE3 Datasheet HTML 134Page - STMicroelectronics ST7LITE3 Datasheet HTML 135Page - STMicroelectronics ST7LITE3 Datasheet HTML 136Page - STMicroelectronics ST7LITE3 Datasheet HTML 137Page - STMicroelectronics ST7LITE3 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 167 page
background image
ST7LITE3
134/167
OPERATING CONDITIONS (Cont’d)
13.3.1.2 Devices with ‘”6” order code suffix (tested for TA = -40 to +85°C) @ VDD = 3.0 to 3.6V
Notes:
1.RCCR1 is a factory-calibrated setting for 1000kHz with ±0.2 accuracy @ TA =25°C, VDD=3.3V. See “INTERNAL RC
OSCILLATOR ADJUSTMENT” on page 22.
2.Data based on characterization results, not tested in production
3. Measurement made with RC calibrated at 1MHz.
4. Guaranteed by design.
5. Averaged over a 4ms period. After the LOCKED bit is s et, a period of tSTAB is required to reach ACCPLL accuracy
6.After the LOCKED bit is set ACCPLL is max. 10% until tSTAB has elapsed. See Figure 11 on page 23.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
Internal RC oscillator fre-
quency
RCCR = FF (reset value), TA=25°C, VDD= 3.3V
1600
kHz
RCCR=RCCR11) ,TA=25°C,VDD= 3.3V
995
1000
1005
ACCRC
Accuracy of Internal RC
oscillator when calibrated
with RCCR=RCCR11)2)
TA=25°C, VDD=3.0 to 3.6V
-1
+1
%
TA=-40 to +85°C, VDD=3.0 to 3.6V
-3
+3
TA=0 to +85°C, VDD=3.0 to 3.6V
-3
+3
IDD(RC)
RC oscillator current con-
sumption
TA=25°C,VDD=3.3V
5002)3)
µA
tsu(RC)
RC oscillator setup time
TA=25°C,VDD=3.3V
101)
µs
fPLL
x4 PLL input clock
12)
MHz
tLOCK
PLL Lock time6)
2
ms
tSTAB
PLL Stabilization time6)
4
ms
ACCPLL
x4 PLL Accuracy
fRC = 1MHz@TA=25°C, VDD=2.7 to 3.3V
0.15)
%
fRC = 1MHz@TA=-40 to +85°C, VDD= 3.3V
0.15)
%
tw(JIT)
PLL jitter period
fRC = 1MHz
84)
kHz
JITPLL
PLL jitter (
∆f
CPU/fCPU)
14)
%
IDD(PLL)
PLL current consumption TA=25°C
4502)
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com