Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE3 Datasheet(PDF) 159 Page - STMicroelectronics

Part # ST7LITE3
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE3 Datasheet(HTML) 159 Page - STMicroelectronics

Back Button ST7LITE3 Datasheet HTML 155Page - STMicroelectronics ST7LITE3 Datasheet HTML 156Page - STMicroelectronics ST7LITE3 Datasheet HTML 157Page - STMicroelectronics ST7LITE3 Datasheet HTML 158Page - STMicroelectronics ST7LITE3 Datasheet HTML 159Page - STMicroelectronics ST7LITE3 Datasheet HTML 160Page - STMicroelectronics ST7LITE3 Datasheet HTML 161Page - STMicroelectronics ST7LITE3 Datasheet HTML 162Page - STMicroelectronics ST7LITE3 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 167 page
background image
ST7LITE3
159/167
OPTION BYTES (Cont’d)
OPTION BYTE 1
OPT 7 = PLLx4x8 PLL Factor Selection.
0: PLLx4
1: PLLx8
OPT 6 = PLLOFF PLL Disable
This option bit enables or disables the PLL.
0: PLL enabled
1: PLL disabled (bypassed)
OPT 5 = Reserved. Must always be set to 1.
OPT 4 = OSC RC Oscillator Selection
This option bit enables to select the internal RC
Oscillator.
0: RC Oscillator on
1: RC Oscillator off
OPT 3:2 = LVD[1:0] Low Voltage Selection
These option bits enable the voltage detection
block (LVD and AVD) with a selected threshold to
the LVD and AVD.
OPT 1 = WDGSW Hardware or Software Watch-
dog
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
OPT 0 = WDG HALT Watchdog Reset on Halt
0: No reset generation when entering HALT mode
1: Reset generation when entering HALT mode
OPTION BYTE 0
7
0
OPTION BYTE 1
7
0
AWU
CK
OSCRANGE
2:0
SEC1 SEC0 FMPR FMPW
PLL
x4x8
PLL
OFF
Res. OSC
LVD
1:0
WDG
SW
WDG
HALT
Default
Value
1
1
1
1
1
1
0
0
1
1
1
0
1
1
1
1
Configuration
VD1
VD0
LVD Off
1
1
Highest Voltage Threshold
1
0
Medium Voltage Threshold
0
1
Lowest Voltage Threshold
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com