Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PARTNUMBER Datasheet(PDF) 1 Page - HALO Electronics, Inc.

Part # PARTNUMBER
Description  8P/8C Tab-Down Shielded RJ45 Ethernet Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HALO [HALO Electronics, Inc.]
Direct Link  https://www.haloelectronics.com/
Logo HALO - HALO Electronics, Inc.

PARTNUMBER Datasheet(HTML) 1 Page - HALO Electronics, Inc.

  PARTNUMBER Datasheet HTML 1Page - HALO Electronics, Inc. PARTNUMBER Datasheet HTML 2Page - HALO Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shielded Tab-Down 1x1 RJ45
8P/8C Tab-Down Shielded RJ45 Ethernet Connectors
For additional information contact your local representative, or HALO’s support staff at (650) 903-3800 or info@haloelectronics.com
Product Features:
Shielded RJ45 Connectors
Minimum of 750 Mating Cycles
Multiple Gold Contact Plating Options
DWV - 1500VAC Contact to Shield
Current Rating - 1.5A
Voltage Rating - 125V
UL94V-0 Flammability Rating
Conflict
FREE
Part Number
Mechanical/
Footprint
LED’s
L/R
Contact
Plating (min)
Latch Orientation
Operating
Temp Range
HCJ11-802SK
A
None
6µ”
Tab-Down - Side Entry
-40˚C to +85˚C
HCJ11-804SK
A
None
30µ”
Tab-Down - Side Entry
-40˚C to +85˚C
HCJ11-805SK
A
None
50µ”
Tab-Down - Side Entry
-40˚C to +85˚C
HCJ11-802SK-L11
B
G/G
6µ”
Tab-Down - Side Entry
-40˚C to +85˚C
HCJ11-804SK-L11
B
G/G
30µ”
Tab-Down - Side Entry
-40˚C to +85˚C
HCJ11-805SK-L11
B
G/G
50µ”
Tab-Down - Side Entry
-40˚C to +85˚C
HCJ11-802SK-L12
B
G/Y
6µ”
Tab-Down - Side Entry
-40˚C to +85˚C
HCJ11-804SK-L12
B
G/Y
30µ”
Tab-Down - Side Entry
-40˚C to +85˚C
HCJ11-805SK-L12
B
G/Y
50µ”
Tab-Down - Side Entry
-40˚C to +85˚C
ü
A - Mechanical (no LED)
B - Mechanical (w/ LED)


Similar Part No. - PARTNUMBER

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
Partnumber MACOM-Partnumber Datasheet
645Kb / 6P
HF3 Relay
logo
Ohmite Mfg. Co.
PartNumber OHMITE-PartNumber Datasheet
273Kb / 1P
Nichrome resistive element
logo
HALO Electronics, Inc.
PARTNUMBER HALO-PARTNUMBER Datasheet
1Mb / 4P
13W, 3.3Vout, Power Transformers Power Over Ethernet
logo
Texas Instruments
PARTNUMBER00 TI1-PARTNUMBER00 Datasheet
504Kb / 31P
3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
PARTNUMBER01 TI1-PARTNUMBER01 Datasheet
504Kb / 31P
3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
More results

Similar Description - PARTNUMBER

ManufacturerPart #DatasheetDescription
logo
HALO Electronics, Inc.
HCJ21-802SK HALO-HCJ21-802SK Datasheet
584Kb / 4P
8P/8C Shielded Dual Port Stacked 2x1 RJ45 Ethernet Connectors
HCJ22-802SK HALO-HCJ22-802SK Datasheet
643Kb / 4P
8P/8C Shielded Stacked and Ganged 2x2 RJ45 Ethernet Connectors
HCJ24-802SK HALO-HCJ24-802SK Datasheet
668Kb / 4P
8P/8C Shielded Stacked and Ganged 2x4 RJ45 Ethernet Connectors
HCJ26-802SK-L11 HALO-HCJ26-802SK-L11 Datasheet
607Kb / 3P
8P/8C Shielded Stacked and Ganged 2x6 RJ45 Ethernet Connectors
HCJT1-802SK HALO-HCJT1-802SK Datasheet
512Kb / 2P
8P/8C Tab-Up Shielded RJ45 Ethernet Connectors
HCJT2-802SK HALO-HCJT2-802SK Datasheet
556Kb / 2P
8P/8C Shielded Dual Port Tab-Up RJ45 Ethernet Connectors
HCJT4-812SK HALO-HCJT4-812SK Datasheet
735Kb / 4P
8P/8C Shielded Quad Port Tab-Up RJ45 Ethernet Connectors
HCJV1-802SK HALO-HCJV1-802SK Datasheet
359Kb / 1P
8P/8C Vertical Shielded RJ45 Ethernet Connectors
HCJV1-802UK HALO-HCJV1-802UK Datasheet
456Kb / 2P
8P/8C Vertical Unshielded RJ45 Ethernet Connectors
logo
VITALCONN ELECTRONICS H...
JS212154DP01 VITALCONN-JS212154DP01 Datasheet
184Kb / 1P
RJ45, w/LED,8P,8C, Shielded, Thru Hole.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com