Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS299N Datasheet(PDF) 4 Page - ON Semiconductor

Part # SN74LS299N
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS299N Datasheet(HTML) 4 Page - ON Semiconductor

  SN74LS299N Datasheet HTML 1Page - ON Semiconductor SN74LS299N Datasheet HTML 2Page - ON Semiconductor SN74LS299N Datasheet HTML 3Page - ON Semiconductor SN74LS299N Datasheet HTML 4Page - ON Semiconductor SN74LS299N Datasheet HTML 5Page - ON Semiconductor SN74LS299N Datasheet HTML 6Page - ON Semiconductor SN74LS299N Datasheet HTML 7Page - ON Semiconductor SN74LS299N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN74LS299
http://onsemi.com
4
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
I/O0 – I/O7
2.4
3.1
V
VCC = MIN, IOH = MAX
VOH
Output HIGH Voltage
Q0, Q7
2.7
3.4
V
VCC = MIN, IOH = MAX
VO
Output LOW Voltage
0.25
0.4
V
IOL = 12 mA
VCC = VCC MIN,
VIN =VIL or VIH
VOL
g
I/O0 – I/O7
0.35
0.5
V
IOL = 24 mA
VIN = VIL or VIH
per Truth Table
VO
Output LOW Voltage
0.4
V
IOL = 4.0 mA
VCC = VCC MIN,
VIN =VIL or VIH
VOL
g
I/O0 – I/O7
0.5
V
IOL = 8.0 mA
VIN = VIL or VIH
per Truth Table
IOZH
Output Off Current HIGH
I/O0 – I/O7
40
µA
VCC = MAX, VOUT = 2.7 V
IOZL
Output Off Current LOW
I/O0 – I/O7
– 400
µA
VCC = MAX, VOUT = 0.4 V
Others
20
µA
I
I
t HIGH C
t
S0, S1,
I/O0 – I/O7
40
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
Others
0.1
mA
VCC = MAX V =7 0V
S0, S1
0.2
mA
VCC = MAX, VIN = 7.0 V
I/O0 – I/O7
0.1
mA
VCC = MAX, VIN = 5.5 V
I
Input LOW Current
Others
– 0.4
mA
VCC = MAX V =0 4V
IIL
Input LOW Current
S0, S1
– 0.8
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current
Q0, Q7
–20
–100
mA
VCC = MAX
(Note 1)
I/O0 – I/O7
–30
–130
mA
VCC = MAX
ICC
Power Supply Current
53
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com