Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC104N-R47MTR Datasheet(PDF) 5 Page - HALO Electronics, Inc.

Part # HPC104N-R47MTR
Description  SMD, Magnetically Shielded Power Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HALO [HALO Electronics, Inc.]
Direct Link  https://www.haloelectronics.com/
Logo HALO - HALO Electronics, Inc.

HPC104N-R47MTR Datasheet(HTML) 5 Page - HALO Electronics, Inc.

  HPC104N-R47MTR Datasheet HTML 1Page - HALO Electronics, Inc. HPC104N-R47MTR Datasheet HTML 2Page - HALO Electronics, Inc. HPC104N-R47MTR Datasheet HTML 3Page - HALO Electronics, Inc. HPC104N-R47MTR Datasheet HTML 4Page - HALO Electronics, Inc. HPC104N-R47MTR Datasheet HTML 5Page - HALO Electronics, Inc. HPC104N-R47MTR Datasheet HTML 6Page - HALO Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HPC042N (4.8x4x2)
SMD, Magnetically Shielded Power Inductor
For additional information contact your local representative, or HALO’s support staff at (650) 903-3800 or info@haloelectronics.com
Product Features:
Designed for switch mode power supplies
Ideal for real estate sensitive applications such
as cell phones and disc drives.
Magnetically shielded design minimizes flux
interferences.
Available in tape and reel packaging.
Please contact your representative for custom
designs.
Conflict
FREE
Notes:
1. Operating Temperature: -55°C to +125°C
2. Inductance tolerance (100kHz, 0.25V, 0ADC): ±20%
3. DC current that will cause approximate 40°C rise in temperature
4. DC current that will cause inductance (L) drop by 20% from nominal
5. Part temperature (ambient + temp rise) should not exceed 125°C under worst case operating conditions
6. Frequency range up to 1.0 MHz
L
DCR (mΩ)
DCR (mΩ)
Heat Rating
Saturation
Part Number
(μH) 2
TYP
MAX
Current (ADC) 3 Current (ADC) 4
HPC042N-R22MTR
0.22
7.8
9.3
9
14
HPC042N-R36MTR
0.36
9.5
12
8
11
HPC042N-R47MTR
0.47
10
13
7
10
HPC042N-R56MTR
0.56
11.8
13.5
7
8
HPC042N-R68MTR
0.68
13.5
16
6.3
7
HPC042N-R82MTR
0.82
16
18
5.5
6.5
HPC042N-R88MTR
0.88
16
18
5.5
6.5
HPC042N-1R0MTR
1.0
18
21.6
5
6
HPC042N-1R2MTR
1.2
19
22
5
5
HPC042N-1R5MTR
1.5
22
26
5
5
HPC042N-2R2MTR
2.2
33
40
4.5
5
HPC042N-3R3MTR
3.3
42
48
3.6
4.3
HPC042N-4R7MTR
4.7
68
75
2.7
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com