Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS2621 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STS2621
Description  Dual P -Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS2621 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STS2621 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS2621 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS2621 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS2621 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS2621 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS2621 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS2621 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
-20
Dual P-Channel E nhancement Mode Field E ffect Transistor
S OT-26 Package.
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
Parameter
S ymbol
Limit
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
10
V
Drain Current-Continuous @ TC=25 C
-Pulsed
ID
-2
-7
-1.25
1
A
A
A
W
IDM
Drain-S ource Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and S torage
Temperature R ange
TJ, TS TG
-55 to 150
C
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Ambient
R JA
125
/W
C
S T S 2621
a
a
a
a
b
S amHop Microelectronics C orp.
J un.6 2005
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m W ) MAX
-20V
-2A
130 @ V GS = -4.5V
190 @ V GS = -2.5V
F E AT UR E S
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
TS OP6
Top View
G1
S 1
G2
D1
S 2
D2
1
2
3
6
5
4
S 2
D2
G2
S 1
D1
G1


Similar Part No. - STS2621

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS2621 VBSEMI-STS2621 Datasheet
524Kb / 9P
Dual P-Channel 20 V (D-S) MOSFET
More results

Similar Description - STS2621

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Chenmko Enterprise Co. ...
CHM2407JPT CHENMKO-CHM2407JPT Datasheet
235Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM4432JPT CHENMKO-CHM4432JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM8531JPT CHENMKO-CHM8531JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com