Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC073N-R47MTR Datasheet(PDF) 1 Page - HALO Electronics, Inc.

Part # HPC073N-R47MTR
Description  SMD, Magnetically Shielded Power Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HALO [HALO Electronics, Inc.]
Direct Link  https://www.haloelectronics.com/
Logo HALO - HALO Electronics, Inc.

HPC073N-R47MTR Datasheet(HTML) 1 Page - HALO Electronics, Inc.

  HPC073N-R47MTR Datasheet HTML 1Page - HALO Electronics, Inc. HPC073N-R47MTR Datasheet HTML 2Page - HALO Electronics, Inc. HPC073N-R47MTR Datasheet HTML 3Page - HALO Electronics, Inc. HPC073N-R47MTR Datasheet HTML 4Page - HALO Electronics, Inc. HPC073N-R47MTR Datasheet HTML 5Page - HALO Electronics, Inc. HPC073N-R47MTR Datasheet HTML 6Page - HALO Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HPC104N (11.5x10x4)
SMD, Magnetically Shielded Power Inductor
For additional information contact your local representative, or HALO’s support staff at (650) 903-3800 or info@haloelectronics.com
Product Features:
Designed for switch mode power supplies
Ideal for real estate sensitive applications such
as cell phones and disc drives.
Magnetically shielded design minimizes flux
interferences.
Available in tape and reel packaging.
Please contact your representative for custom
designs.
Conflict
FREE
L
DCR (mΩ)
DCR (mΩ)
Heat Rating
Saturation
Lead Width
Part Number
(μH) 2
TYP
MAX
Current (ADC) 3 Current (ADC) 4
±0.5
HPC104N-R22MTR
0.22
0.9
1.1
35
54
3.0
HPC104N-R36MTR
0.36
1.0
1.3
34
41
3.0
HPC104N-R47MTR
0.47
1.4
1.5
28
36
3.0
HPC104N-R56MTR
0.56
1.5
1.8
25
34
3.0
HPC104N-R68MTR
0.68
2.4
2.7
20
32
3.0
HPC104N-R88MTR
0.88
2.1
2.4
21
32
3.0
HPC104N-1R0MTR
1.0
3
3.3
19
26
3.0
HPC104N-1R5MTR
1.5
3.8
4.2
16
20
3.0
HPC104N-2R2MTR
2.2
6.6
7
12
18
1.8
HPC104N-3R3MTR
3.3
9.5
13
10
14
1.8
HPC104N-4R7MTR
4.7
13
15.5
9
12
1.8
HPC104N-5R6MTR
5.6
18.4
20
7
12
1.8
HPC104N-6R8MTR
6.8
20
22
7
11
1.8
HPC104N-8R2MTR
8.2
23.2
25.5
7
10
1.8
HPC104N-10RMTR
10.0
32.1
35
5
9
1.8
HPC104N-15RMTR
15
40.5
50.4
4.6
8
1.8
HPC104N-22RMTR
22
58
67
4.3
7
1.8
Notes:
1. Operating Temperature: -55°C to +125°C
2. Inductance tolerance (100kHz, 0.25V, 0ADC): ±20%
3. DC current that will cause approximate 40°C rise in temperature
4. DC current that will cause inductance (L) drop by 20% from nominal
5. Part temperature (ambient + temp rise) should not exceed 125°C under worst case operating conditions
6. Frequency range up to 1.0 MHz


Similar Part No. - HPC073N-R47MTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HPC070WP30238AX1 VISHAY-HPC070WP30238AX1 Datasheet
87Kb / 4P
High Voltage Disc Capacitors, 20 kVDC Screw Mounting, Class 2 Ceramic
11-Sep-15
More results

Similar Description - HPC073N-R47MTR

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
252010CDMCDS SUMIDA-252010CDMCDS Datasheet
155Kb / 2P
SMD Power Inductor, Magnetically shielded
logo
Abracon Corporation
ASPI-6045S ABRACON-ASPI-6045S Datasheet
2Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.05.14
ASPI-2010 ABRACON-ASPI-2010 Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.20.13
ASPI-2010HC ABRACON-ASPI-2010HC Datasheet
1Mb / 3P
Wire Wound Magnetically Shielded SMD Power Inductor
01.07.13
ASPI-2012 ABRACON-ASPI-2012 Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
12.18.13
ASPI-4020S ABRACON-ASPI-4020S Datasheet
2Mb / 3P
Wire Wound Magnetically Shielded SMD Power Inductor
03.07.13
ASPI-4030S ABRACON-ASPI-4030S Datasheet
2Mb / 3P
Wire Wound Magnetically Shielded SMD Power Inductor
03.09.13
ASPI-8040S ABRACON-ASPI-8040S Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.03.14
logo
Bel Fuse Inc.
SC53LC BEL-SC53LC Datasheet
930Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D18 BEL-SCRH2D18 Datasheet
808Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com