Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLR-20-20-R-P-A Datasheet(PDF) 1 Page - Festo Corporation.

Part # CLR-20-20-R-P-A
Description  Swing clamp cylinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

CLR-20-20-R-P-A Datasheet(HTML) 1 Page - Festo Corporation.

  CLR-20-20-R-P-A Datasheet HTML 1Page - Festo Corporation. CLR-20-20-R-P-A Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Swing clamp cylinder
CLR-20-20-R-P-A
Part number: 535441
Data sheet
Feature
Value
Complete stroke
32 mm
Piston diameter
20 mm
Piston rod thread
M6
Swivel angle
90 deg +/- 3 deg
Clamping stroke
20 mm
Type code
CLR
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Design
Piston
Cylinder barrel
Piston rod
Position sensing
For proximity sensor
Swivel direction
Right
Symbol
00991217
Operating pressure
2 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-10 °C ... 80 °C
Effective clamping force at 2 bar
35 N
Effective clamping force at 4 bar
73 N
Effective clamping force at 6 bar
109 N
Max. clamping finger screw tightening torque
12 Nm
Theoretical clamping force at 6 bar
121 N
Product weight
385 g
Type of mounting
With accessories
With through-hole
With internal thread
Optionally:
Pneumatic connection
M5
Flange screws material
Galvanized
Steel
Cover material
Coated
Wrought aluminum alloy
Seals material
TPE-U(PU)
NBR
11/20/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - CLR-20-20-R-P-A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CLR-20-20-L-P-A FESTO-CLR-20-20-L-P-A Datasheet
100Kb / 2P
Swing clamp cylinder
More results

Similar Description - CLR-20-20-R-P-A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CLR-16-20-L-P-A FESTO-CLR-16-20-L-P-A Datasheet
101Kb / 2P
Swing clamp cylinder
CLR-25-10-L-P-A-K11-R8 FESTO-CLR-25-10-L-P-A-K11-R8 Datasheet
103Kb / 2P
Swing clamp cylinder
CLR-32-10-L-P-A-B FESTO-CLR-32-10-L-P-A-B Datasheet
80Kb / 2P
Swing clamp cylinder
CLR-32-20-L-P-A-B-K11-R8 FESTO-CLR-32-20-L-P-A-B-K11-R8 Datasheet
81Kb / 2P
Swing clamp cylinder
CLR-40-20-G-P-A-K11-R8 FESTO-CLR-40-20-G-P-A-K11-R8 Datasheet
81Kb / 2P
Swing clamp cylinder
CLR-40-20-R-P-A-K11-R8 FESTO-CLR-40-20-R-P-A-K11-R8 Datasheet
81Kb / 2P
Swing clamp cylinder
CLR-50-50-L-P-A FESTO-CLR-50-50-L-P-A Datasheet
79Kb / 2P
Swing clamp cylinder
CLR-63-20-G-P-A FESTO-CLR-63-20-G-P-A Datasheet
81Kb / 2P
Swing clamp cylinder
CLR-63-50-G-P-A FESTO-CLR-63-50-G-P-A Datasheet
81Kb / 2P
Swing clamp cylinder
CLR-63-50-R-P-A FESTO-CLR-63-50-R-P-A Datasheet
80Kb / 2P
Swing clamp cylinder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com