Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3371 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC3371
Description  Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3371 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC3371 Datasheet HTML 9Page - Analog Devices LTC3371 Datasheet HTML 10Page - Analog Devices LTC3371 Datasheet HTML 11Page - Analog Devices LTC3371 Datasheet HTML 12Page - Analog Devices LTC3371 Datasheet HTML 13Page - Analog Devices LTC3371 Datasheet HTML 14Page - Analog Devices LTC3371 Datasheet HTML 15Page - Analog Devices LTC3371 Datasheet HTML 16Page - Analog Devices LTC3371 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC3315B
13
Rev. 0
For more information www.analog.com
Operating Frequency Selection and Trade-Offs
Selection of the operating frequency is a trade-off between
efficiency, component size, transient response, and input
voltage range. The LTC3315B can operate at frequencies
between 3MHz and 10MHz.
The advantage of high frequency operation is that smaller
inductor and capacitor values may be used. Higher
switching frequencies allow for higher control loop
bandwidth and, therefore, faster transient response. The
disadvantages of higher switching frequencies are lower
efficiency, because of increased switching losses, and a
smaller input voltage range, because of minimum switch
on-time limitations.
The minimum on-time of the buck regulator imposes a
minimum operating duty cycle. The highest switching
frequency (fSW(MAX)) for a given application can be cal-
culated as follows:
fSW(MAX) =
VOUT
tON(MIN) • VIN(MAX)
(2)
where VIN(MAX) is the maximum input voltage, VOUT is the
output voltage and tON(MIN) is the minimum top switch
on-time. This equation shows that a slower switching
frequency might be necessary to accommodate a high
VIN/VOUT ratio.
The LTC3315B is capable of a maximum duty cycle of
100%, therefore, the VIN-to-VOUT dropout is limited by
the RDS(ON) of the PMOS, the inductor DCR, and the load
current.
Inductor Selection and Maximum Output Current
Considerations in choosing an inductor are inductance,
RMS current rating, saturation current rating, DCR, and
core loss.
Selecttheinductorvaluebasedonthefollowingequations:
L ≥
VOUT
0.6A • fSW
• 1−
VOUT
VIN(MAX)
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟ for
VOUT
VIN(MAX)
≤ 0.5 (3)
L ≥
VIN(MAX)
2.4A • fSW
for
VOUT
VIN(MAX)
> 0.5
(4)
where fSW is the switching frequency and VIN(MAX) is the
maximum applied input voltage.
To avoid overheating of the inductor, choose an inductor
with an RMS current rating that is greater than the maxi-
mumexpectedoutputloadoftheapplication.Overloadand
short-circuitconditionsneedtobetakenintoconsideration.
In addition ensure that the saturation current rating (typi-
cally labeled ISAT) is either higher than 3.5A, the maximum
currentlimitoftheLTC3315B,orhigherthanthemaximum
expected load plus half the inductor ripple:
ISAT >ILOAD(MAX)+
1
2
ΔIL
(5)
where ILOAD(MAX) is the maximum output load current
for the application and ΔIL is the inductor ripple current
calculated as:
ΔIL =
VOUT
L • fSW
• 1−
VOUT
VIN
⎛
⎝
⎜
⎞
⎠
⎟
(6)
To keep the efficiency high, choose an inductor with
the lowest series resistance (DCR) and a core material
intended for high frequency applications. Table 1 shows
recommended inductors from several manufacturers.
Input Capacitors
BypasstheinputoftheLTC3315Bwithatleasttwoceramic
capacitors, one near each VIN pin for best performance.
Connect the ground of each capacitor to a wide PCB trace
on the top layer of the PCB that connects pins 8 and 9
with the exposed pad. These capacitors should be 0603
or 0805 in size. Smaller 0201 capacitors can also be
placed as close as possible to the LTC3315B directly on
the traces leading from VIN (Pin 7) and GND (Pin 8) and
on the traces leading from VIN (Pin 10) and GND (Pin 9)
to reduce input noise with minimal (if at all) increase in
application footprint. See the layout section for more
detail. X7R or X5R capacitors are recommended for best
performance across temperature and input voltage varia-
tions (see Table 2). Note that larger input capacitance is
required when a lower switching frequency is used. If
the input power source has high impedance, or if there
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com