Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWCT1104AFVLLPNT Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PWCT1104AFVLLPNT
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PWCT1104AFVLLPNT Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PWCT1104AFVLLPNT Datasheet HTML 17Page - NXP Semiconductors PWCT1104AFVLLPNT Datasheet HTML 18Page - NXP Semiconductors PWCT1104AFVLLPNT Datasheet HTML 19Page - NXP Semiconductors PWCT1104AFVLLPNT Datasheet HTML 20Page - NXP Semiconductors PWCT1104AFVLLPNT Datasheet HTML 21Page - NXP Semiconductors PWCT1104AFVLLPNT Datasheet HTML 22Page - NXP Semiconductors PWCT1104AFVLLPNT Datasheet HTML 23Page - NXP Semiconductors PWCT1104AFVLLPNT Datasheet HTML 24Page - NXP Semiconductors PWCT1104AFVLLPNT Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
Table 11. AC electrical specifications at 3.3 V Range (continued)
Symbol
DSE
Rise time (nS) 1
Fall time (nS) 1
Capacitance (pF) 2
Min.
Max.
Min.
Max.
5.7
23.7
6.0
26.2
50
20.0
80.0
20.8
88.4
200
1
1.5
5.8
1.7
6.1
25
2.4
8.0
2.6
8.3
50
6.3
22.0
6.0
23.8
200
tRFGPIO-FAST
0
0.6
2.8
0.5
2.8
25
3.0
7.1
2.6
7.5
50
12.0
27.0
10.3
26.8
200
1
0.4
1.3
0.38
1.3
25
1.5
3.8
1.4
3.9
50
7.4
14.9
7.0
15.3
200
1. For reference only. Run simulations with the IBIS model and your custom board for accurate results.
2. Maximum capacitances supported on Standard IOs. However interface or protocol specific specifications might be
different, for example for QSPI etc. . For protocol specific AC specifications, see respective sections.
5.6 AC electrical specifications at 5 V range
Table 12. AC electrical specifications at 5 V Range
Symbol
DSE
Rise time (nS)1
Fall time (nS) 1
Capacitance (pF) 2
Min.
Max .
Min.
Max.
tRFGPIO
NA
2.8
9.4
2.9
10.7
25
5.0
15.7
5.1
17.4
50
17.3
54.8
17.6
59.7
200
tRFGPIO-HD
0
2.8
9.4
2.9
10.7
25
5.0
15.7
5.1
17.4
50
17.3
54.8
17.6
59.7
200
1
1.1
4.6
1.1
5.0
25
2.0
5.7
2.0
5.8
50
5.4
16.0
5.0
16.0
200
tRFGPIO-FAST
0
0.42
2.2
0.37
2.2
25
2.0
5.0
1.9
5.2
50
9.3
18.8
8.5
19.3
200
1
0.37
0.9
0.35
0.9
25
1.2
2.7
1.2
2.9
50
6.0
11.8
6.0
12.3
200
1. For reference only. Run simulations with the IBIS model and your custom board for accurate results.
2. Maximum capacitances supported on Standard IOs. However interface or protocol specific specifications might be
different, for example for QSPI etc. . For protocol specific AC specifications, see respective sections.
I/O parameters
MWCT101XS Data Sheet, Rev. 3, 12/2019
NXP Semiconductors
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com