Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWCT1024AFVLLPNT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PWCT1024AFVLLPNT
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PWCT1024AFVLLPNT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PWCT1024AFVLLPNT Datasheet HTML 2Page - NXP Semiconductors PWCT1024AFVLLPNT Datasheet HTML 3Page - NXP Semiconductors PWCT1024AFVLLPNT Datasheet HTML 4Page - NXP Semiconductors PWCT1024AFVLLPNT Datasheet HTML 5Page - NXP Semiconductors PWCT1024AFVLLPNT Datasheet HTML 6Page - NXP Semiconductors PWCT1024AFVLLPNT Datasheet HTML 7Page - NXP Semiconductors PWCT1024AFVLLPNT Datasheet HTML 8Page - NXP Semiconductors PWCT1024AFVLLPNT Datasheet HTML 9Page - NXP Semiconductors PWCT1024AFVLLPNT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
EEPROM emulated by FlexRAM1
FlexRAM (also available as system RAM)
Cache
System RAM (including FlexRAM)
Flash
Single supply voltage
Watchdog
Number of I/Os
Memory protection unit
Parameter
Peripheral speed
CRC module
IEEE-754 FPU
Core
EWM
DMA
Crossbar
ISO 26262
HW security module (CSEc)1
Frequency
Error correction code (ECC)
Low power timer (LPTMR)
Low power interrupt timer
LEGEND:
Not implemented
Available on the device
1 No write or erase access to Flash module, including Security (CSEc) and EEPROM commands, are allowed when
device is running at HSRUN mode (112MHz) or VLPR mode.
2 Option with No CSEc and CAN-FD is also available for MWCT1015S
3 Available when EEEPROM, CSEc and Data Flash are not used. Else only up to 1,984 KB is available for Program Flash.
4 4 KB (up to 512 KB D-Flash as a part of 2M Flash). Up to 64 KB of flash is used as EEPROM backup and the remaining 448 KB
of the last 512 KB block can be used as Data flash or Program flash. See chapter FTFC for details.
5 Only for Boundary Scan Register
6 See Dimensions for package drawing
Trigger mux (TRGMUX)
Real time counter (RTC)
FlexTimer (16-bit counter) 8 channels
External memory interface
12-bit SAR ADC (1 MSPS each)
FlexIO (8 pins configurable as UART, SPI, I2C, I2S)
Low power I2C
Debug & trace
Packages6
Ecosystem
(IDE, compiler, debugger)
FlexCAN
(CAN-FD ISO/CD 11898-1)
Low power SPI
Comparator with 8-bit DAC
Programmable delay block (PDB)
MWCT101xS
MWCT1014S
MWCT1015S
MWCT1016S
1x
SWD, JTAG5 (ITM, SWV, SWO)
NXP S32 Design Studio + GCC + GHS + Lauterbach
LQFP-64
LQFP-100
SWD, JTAG
(ITM, SWV,
SWO), ETM
1x (64)
2x (16)
2x (24)
2x (32)
3x
1x
2x
3x2
(2x with FD)
3x
(3x with FD)
3x
(1x with FD)
1x
1x (73)
1x (81)
up to 112 MHz (HSRUN)
1x
Arm® Cortex
™-M4F
1x
capable up to ASIL-B
up to 112 MHz (HSRUN)
4 KB (up to 64 KB D-Flash)
4 KB
4 KB
64 KB
128 KB
256 KB
-40 to +105ºC / +125ºC
512 KB
1 MB
2 MB3
2.7 - 5.5 V
up to 89
up to 89
up to 89
1x
1x
1x
4x (32)
6x (48)
8x (64)
QuadSPI incl.
HyperBus™
2x
Operating temperature (Ta) Temperature ambient
FIRC CMU
Low power modes
LQFP-100
BGA-100
BGA-100
See footnote 4
Low power UART/LIN
(Supports LIN protocol versions 1.3, 2.0, 2.1, 2.2A and SAE J2602)
3x
HSRUN mode1
2
Figure 2. MWCT101xS product series comparison
Feature comparison
MWCT101XS Data Sheet, Rev. 3, 12/2019
6
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com