Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5452829 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5452829
Description  Printed-circuit board connector - BCVP-508RF- 8 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452829 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5452829 Datasheet HTML 1Page - PHOENIX CONTACT 5452829 Datasheet HTML 2Page - PHOENIX CONTACT 5452829 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452829
04/25/2016   Page 1 / 3
Printed-circuit board connector - BCVP-508RF- 8 BK - 5452829
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm,
Connection method: Screw connection with tension sleeve, Color: black, Contact surface: Tin
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
Germany
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440309
eCl@ss 9.0
27440309
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002638
ETIM 5.0
EC002638


Similar Part No. - 5452829

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452820 PHOENIX-5452820 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-18 BK
5452821 PHOENIX-5452821 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-19 BK
5452822 PHOENIX-5452822 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-20 BK
5452823 PHOENIX-5452823 Datasheet
93Kb / 3P
Printed-circuit board connector - BCVP-508RF- 2 BK
5452824 PHOENIX-5452824 Datasheet
93Kb / 3P
Printed-circuit board connector - BCVP-508RF- 3 BK
More results

Similar Description - 5452829

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452828 PHOENIX-5452828 Datasheet
93Kb / 3P
Printed-circuit board connector - BCVP-508RF- 7 BK
5452837 PHOENIX-5452837 Datasheet
93Kb / 3P
Printed-circuit board connector - BCVP-508RF-16 BK
5452838 PHOENIX-5452838 Datasheet
93Kb / 3P
Printed-circuit board connector - BCVP-508RF-17 BK
5452841 PHOENIX-5452841 Datasheet
93Kb / 3P
Printed-circuit board connector - BCVP-508RF-20 BK
5452826 PHOENIX-5452826 Datasheet
93Kb / 3P
Printed-circuit board connector - BCVP-508RF- 5 BK
5452825 PHOENIX-5452825 Datasheet
93Kb / 3P
Printed-circuit board connector - BCVP-508RF- 4 BK
5452830 PHOENIX-5452830 Datasheet
93Kb / 3P
Printed-circuit board connector - BCVP-508RF- 9 BK
5452831 PHOENIX-5452831 Datasheet
93Kb / 3P
Printed-circuit board connector - BCVP-508RF-10 BK
5452823 PHOENIX-5452823 Datasheet
93Kb / 3P
Printed-circuit board connector - BCVP-508RF- 2 BK
5452824 PHOENIX-5452824 Datasheet
93Kb / 3P
Printed-circuit board connector - BCVP-508RF- 3 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com