Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBTA43 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CMBTA43
Description  SILICON EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBTA43 Datasheet(HTML) 2 Page - Continental Device India Limited

  CMBTA43 Datasheet HTML 1Page - Continental Device India Limited CMBTA43 Datasheet HTML 2Page - Continental Device India Limited CMBTA43 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
Collector–base voltage (open emitter)
VCBO
max. 300
200 V
Collector–emitter voltage (open base)
VCEO
max. 300
200 V
Emitter–base voltage (open collector)
VEBO
max.
6
V
Collector current (d.c.)
IC
max.
500
mA
Total power dissipation up to Tamb = 25 °C
Ptot
max.
250
mW
Storage temperature
Tstg
–55 to +150
° C
Junction temperature
Tj
max.
150
° C
THERMAL CHARACTERISTICS
Tj = P (Rth j–t + Rth t–s + Rth s–a) + Tamb
Thermal resistance
from junction to ambient
Rth j–a
=
500
K/W
CHARACTERISTICS (at TA = 25°C unless otherwise specified)
Collector–emitter breakdown voltage
CMBTA42
A43
IC = 1 mA; IB = 0
V(BR)CEO min. 300
200 V
Collector–base breakdown voltage
IC = 100 µA; IE = 0
V(BR)CBO min. 300
200 V
Emitter–base breakdown voltage
IE = 100 µA; IC = 0
V(BR)EBO min.
6
V
Collector cut–off current
IE = 0; VCB = 200 V
ICBO
max. 0.1
–
µA
IE = 0; VCB = 160 V
ICBO
max. –
0.1
µA
Emitter cut–off current
IC = 0; VBE = 6 V
IEBO
max. 0.1
–
µA
IC = 0; VBE = 4 V
IEBO
max. –
0.1
µA
Feedback capacitance at f = 1 MHz
IE = 0; VCB = 20 V
Cre
max.
3
4 pF
Saturation voltages
IC = 20 mA; IB = 2 mA
VCEsat
max.
0.5
V
IC = 20 mA; IB = 2 mA
VBEsat
max.
0.9
V
D.C. current gain
IC = 1 mA; VCE = 10 V
hFE
min.
25
IC = 10 mA; VCE = 10 V
hFE
min.
40
IC = 30 mA; VCE = 10 V
hFE
min.
40
Transition frequency at f = 35 MHz
IC = 10 mA; VCE = 20 V
fT
min.
50
MHz
CMBTA42
CMBTA43



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com