Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O7HB Datasheet(PDF) 1 Page - Fox Electronics

Part # O7HB
Description  HCMOS 7x5mm SMD Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O7HB Datasheet(HTML) 1 Page - Fox Electronics

  O7HB Datasheet HTML 1Page - Fox Electronics O7HB Datasheet HTML 2Page - Fox Electronics O7HB Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HCMOS 7x5mm SMD Oscillator
O7HB
(former F4101 Series)
DATASHEET
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: O7HB SERIES STANDARD SPECIFICATIONS
Drawing Number: O7HB-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson:
DG
Approved: BEC
Revision Date: 08/14/2019
Page 1 of 3
•
Standby Enable Disable
•
Stabilities to ±20 PPM
•
Temperature Ranges to -40ºC to +85ºC
•
Supply Voltage: 5.0V
5.0V ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range (FO)
0.012 ~ 170.000MHz
Storage Temperature Range (TSTG)
-55 ~ +125°C
Supply Voltage
(VDD)
5.0V±10%
Input Current
(IDD)
0.012 ~ 32.000MHz
32.000+ ~ 67.000MHz
67.000+ ~ 125.000MHz
125.000+ ~ 170.000MHz
18mA
50mA
80mA
90mA
Standby Current
10µA
Output Symmetry (50% VDD)
40% ~ 60%
Rise/Fall Time (10%/90% VDD Levels) (TR/TF)
0.012 ~ 79.999999MHz
> 80.000 ~ 170.000MHz
5nS
4nS
Output Voltage
(VOL)
(VOH)
10% VDD
90% VDD Min
Output Load
(HCMOS)
15pF
Start-up Time
(TS)
10mS
Output Disable Time 1
150nS
Output Enable Time 1
10mS
• Available Options by Stability & Operating Temp
Frequency
Stability
Operating
Temperature (ºC)
Frequency Range
(MHz)
±100PPM2
-10 ~ +70
0.012 ~ 170.000
±100PPM2
-40 ~ +85
0.012 ~ 170.000
±50PPM2
-10 ~ +70
0.012 ~ 170.000
±50PPM2
-40 ~ +85
0.012 ~ 170.000
±25PPM2
-10 ~ +70
0.012 ~ 162.000
±25PPM3
-40 ~ +85
0.012 ~ 156.250
±20PPM3
-10 ~ +70
0.012 ~ 162.000
1 An internal pull-up resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
2 Inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, reflow, one-year aging, shock, and vibration.
3 Inclusive of 25°C tolerance, operating temperature range.
ENABLE / DISABLE FUNCTION
Pin1
Output (pin 3)
OPEN 1
Active
‘1’ Level VIH
 70%VDD
Active
‘0’ Level VIL
 30%VDD
High Z


Similar Part No. - O7HB

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
O7HA FOX-O7HA Datasheet
272Kb / 5P
HCMOS 7x5mm SMD Oscillator
O7HH FOX-O7HH Datasheet
242Kb / 3P
HCMOS 7x5mm SMD Oscillator
O7HS FOX-O7HS Datasheet
296Kb / 5P
HCMOS 7x5mm SMD Oscillator
More results

Similar Description - O7HB

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EQXP-HC72 EUROQUARTZ-EQXP-HC72 Datasheet
164Kb / 1P
HCMOS 7x5mm 2.5V OSCILLATOR
EQXP-HC73 EUROQUARTZ-EQXP-HC73 Datasheet
164Kb / 1P
HCMOS 7x5mm 3.3V OSCILLATOR
logo
Raltron Electronics Cor...
VS2 RALTRON-VS2 Datasheet
33Kb / 2P
VCXO OSCILLATOR, HCMOS, 5.0 VDC, 7x5mm Package
VSY RALTRON-VSY Datasheet
56Kb / 3P
VCXO OSCILLATOR, HCMOS, 2.5 VDC, 7x5mm Package
logo
Fox Electronics
O7HA FOX-O7HA Datasheet
272Kb / 5P
HCMOS 7x5mm SMD Oscillator
O7HH FOX-O7HH Datasheet
242Kb / 3P
HCMOS 7x5mm SMD Oscillator
O7HS FOX-O7HS Datasheet
296Kb / 5P
HCMOS 7x5mm SMD Oscillator
O7PD FOX-O7PD Datasheet
288Kb / 4P
7x5mm LVPECL SMD Oscillator
O7SL FOX-O7SL Datasheet
220Kb / 4P
HCSL 7x5mm SMD Oscillator
S7BC FOX-S7BC Datasheet
233Kb / 3P
7x5mm Spread Spectrum SMD Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com