Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O7SL Datasheet(PDF) 2 Page - Fox Electronics

Part # O7SL
Description  HCSL 7x5mm SMD Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O7SL Datasheet(HTML) 2 Page - Fox Electronics

  O7SL Datasheet HTML 1Page - Fox Electronics O7SL Datasheet HTML 2Page - Fox Electronics O7SL Datasheet HTML 3Page - Fox Electronics O7SL Datasheet HTML 4Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HCSL 7x5mm SMD Oscillator
O7SL
(former F730SL, F740SL Series)
DATASHEET
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: O7SL SERIES STANDARD SPECIFICATIONS
Drawing Number: O7SL-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: DG
Approved: BEC
Revision Date: 5/3/2019
Page 2 of 4
3.3V ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range (FO)
15.000 ~ 160.000 MHz
Storage Temperature Range (TSTG)
-55 ~ +125°C
Supply Voltage
(VDD)
3.3V±10%
Input Current
(IDD)
40 mA
Standby Current
10 µA
Output Symmetry (50% VDD)
45% ~ 55%
Rise/Fall Time (20~80% VOPP) (TR/TF)
15.000 ~ 99.999999 MHz
>100.000 ~ 160.000 MHz
1.0 nS
0.7 nS
Output Voltage
(VOL)
(VOH)
-0.15 ~ 0.15V
0.66 ~ 0.85V
Output Swing
(VOPP)
0.65V Min
Output Termination
50 Ohms to GND
Start-up Time
(TS)
10 mS
Output Disable Time 1
200 nS
Output Enable Time 1
10 mS
Aging (per year @25°C)
±3 PPM
Phase Jitter (12kHz ~ 20MHz)
1 pS RMS
Available Options by Stability & Operating Temp for 3.3V2
Frequency
Stability2
Operating
Temperature (ºC)
Frequency Range (MHz)
±100PPM
0 ~ +70
15.000 ~ 160.000
±100PPM
-40 ~ +85
15.000 ~ 160.000
±50PPM
0 ~ +70
15.000 ~ 160.000
±50PPM
-40 ~ +85
15.000 ~ 160.000
±25PPM
-0 ~ +70
15.000 ~ 160.000
±25PPM
-40 ~ +85
15.000 ~ 160.000
1 An internal pull-up resistor from pin 1 to pin 4 allows active output if pin 1 is left open
2 Inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, shock, vibration, reflow, and one-year aging.
ENABLE / DISABLE FUNCTION
Pin1
Output (pin 3)
OPEN 1
Active
‘1’ Level VIH  70%VDD
Active
‘0’ Level VIL  30%VDD
High Z



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com