Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5SH Datasheet(PDF) 1 Page - Fox Electronics

Part # S5SH
Description  5x3.2mm Spread Spectrum SMD Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

S5SH Datasheet(HTML) 1 Page - Fox Electronics

  S5SH Datasheet HTML 1Page - Fox Electronics S5SH Datasheet HTML 2Page - Fox Electronics S5SH Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5x3.2mm Spread Spectrum SMD Oscillator
S5SH
(former FSS52S Series)
DATASHEET
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: S5SH SERIES STANDARD SPECIFICATIONS
Drawing Number: S5SH-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 09/10/2019
Page 1 of 3
•
EMI Reduction
•
Temperature Ranges to -40ºC to +85ºC
•
Supply Voltage: 2.5V
ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range (FO)
1 ~ 166MHz
Operating Temperature Range
-40 ~ +85ºC
Storage Temperature Range (TSTG)
-55 ~ +125°C
Supply Voltage
(VDD)
2.5V±5%
Frequency Stability2
±50PPM (Standard)
Input Current
(IDD)
1 ~ <50MHz
80 ~ <100MHz
100 ~ <166MHz
20mA
25mA
30mA
Standby Input Current
10µA
Output Symmetry (50% VDD level)
40% ~ 60%
Rise/Fall Time (10%/90% VDD Levels) (TR/TF)
1 ~ <50MHz
50 ~ <80MHz
80 ~ 166MHz
5nS
4nS
3nS
Output Voltage
(VOL)
(VOH)
10% VDD
90% VDD Min
Spread Spectrum Function
Center Spread
Down Spread
±0.125% ~ ±2%
-0.5% ~ 4%
Modulation Frequency
30 ~ 40kHz
Output Load
(HCMOS)
15pF
Start-up Time
(TS)
10mS
Output Disable Time 1
100nS
Output Enable Time 1
2mS
• Available Options by Stability & Operating Temp
Frequency
Stability2
Operating
Temperature (ºC)
Frequency Range (MHz)
±50PPM
-40 ~ +85
1 ~ 166.000
±25PPM
0 ~ +70
1 ~ 166.000
±25PPM
-40 ~ +85
1 ~ 166.000
1 An internal pull-up resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
2 Inclusive of 25°C tolerance, operating temperature range.
ENABLE / DISABLE FUNCTION
Pin1
Output (pin 3)
OPEN 1
Active
‘1’ Level VIH  70%VDD
Active
‘0’ Level VIL  30%VDD
High Z


Similar Part No. - S5SH

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S5S3 SHINDENGEN-S5S3 Datasheet
158Kb / 1P
SEMICONDUCTOR
S5S3M SHINDENGEN-S5S3M Datasheet
158Kb / 1P
SEMICONDUCTOR
S5S4 SHINDENGEN-S5S4 Datasheet
158Kb / 1P
SEMICONDUCTOR
S5S4M SHINDENGEN-S5S4M Datasheet
602Kb / 10P
Schottky Rectifiers (SBD) (40V 5A)
S5S4M SHINDENGEN-S5S4M Datasheet
158Kb / 1P
SEMICONDUCTOR
More results

Similar Description - S5SH

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-3250SS ECS-ECS-3250SS Datasheet
203Kb / 2P
SPREAD SPECTRUM OSCILLATOR
logo
auris-GmbH
APSSO7050 AURIS-APSSO7050 Datasheet
376Kb / 2P
Oscillator SMD, spread spectrum, programmable
logo
Jauch Quartz Gmbh
JSS53 JAUCH-JSS53 Datasheet
181Kb / 2P
SMD Spread Spectrum Crystal Oscillator
logo
Fox Electronics
S5BC FOX-S5BC Datasheet
235Kb / 3P
5x3.2mm Spread Spectrum SMD Oscillator
S5BH FOX-S5BH Datasheet
235Kb / 3P
5x3.2mm Spread Spectrum SMD Oscillator
S5SC FOX-S5SC Datasheet
235Kb / 3P
5x3.2mm Spread Spectrum SMD Oscillator
S7BC FOX-S7BC Datasheet
233Kb / 3P
7x5mm Spread Spectrum SMD Oscillator
S7BH FOX-S7BH Datasheet
233Kb / 3P
7x5mm Spread Spectrum SMD Oscillator
S7SC FOX-S7SC Datasheet
233Kb / 3P
7x5mm Spread Spectrum SMD Oscillator
S7SH FOX-S7SH Datasheet
233Kb / 3P
7x5mm Spread Spectrum SMD Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com