Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM20 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM20
Description  20 WATT OPEN FRAME AC-DC MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM20 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM20 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM20 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V17
2
Specifications
CFM20S Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…........................................... 85~264Vac
120~370Vdc
Frequency ………………………………………….……………..... 47 to 63Hz
Inrush Current ………………….…………................... 40A max. @230Vac
Conducted EMI …………………………….…………... CISPR/FCC Class B
Leakage Current ………………………………………………….. 3.5mA max.
OUTPUT SPECIFICATIONS:
Holdup Time ……………………..……………………… 16ms typ. @115Vac
Short Circuit Protection ……………….…… Hiccup Mode (Auto Recovery)
Over Voltage Protection ……………................ TVS Component to Clamp
Temperature Coefficient …………………….......................... ±0.05%/℃ max.
GENERAL SPECIFICATIONS:
NOTE:
Isolation ……………………………………..…… Input to output = 4,242VDC
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Operating Temperature ................................ 0 ~ 70℃ (see Derating Curve)
Ripple & Noise measuring @20MHz BW.
Storage Temperature …………………………....….......……........ -20~85℃
2. Voltage accuracy is set at 100% rated load and 25℃ Ta.
Humidity …………………...….......….......... 93% RH max. Non condensing
3. Line regulation is measured from high line to low line with full load.
Cooling …………………………………………………….. Natural Convection
4. Load regulation is measured from full to 10% load.
Switching Frequency ………………………………………….. 67KHz Typical
5. Typical efficiency at 230VAC and full load at 25℃.
MTBF ………………..… MIL-HDBK-217F, GB, 25℃/115VAC 300Khrs min.
6. Standard input and output connectors wafer with LONG CHU P3060
Altitude ………………………….……………………………………… 2000m
series and mate with MOLEX housing 5195 series or equivalent.
Dimensions ….….….. 3.501x2.000x0.906Inches (88.92x50.80x23.00mm)
7. Model “CFM200XS-P”: Connectors with pcb mountable type.
(CFM200XS-P) 3.501x2.000x1.000Inches (88.92x50.80x25.40mm)
Weight …………………………….………………….…… 100g(0.22 Pounds)
SAFETY AND EMC:
Emission and lmmunity …………………………….…….… EN55032 Class B
EN61000-6-3, EN61000-3-2, EN61000-3-3
E N 5 5 0 24 , E N 6 12 0 4 - 3, E N 61 0 0 0 - 6 - 1
Safety ……………….…… EN/IEC/UL 60950-1, EN/IEC/UL 62368-1
Mechanical Specification
Tolerance:Inches:X.XXX±0.02
All Dimensions are in inches(mm)
Millimeters:X.XX±0.5
VR
-Vout
ACL
ACN
+Vout
0.071 [1.80]
0.040 [1.00]
3.501 [88.92]
4-Φ
0.1
25[
Φ3
.18
]
3.019 [76.67]
0.240 [6.08]
0.243 [6.17]
0.240 [6.08]
3.501 [88.92]
0.243 [6.17]
+Vout
-Vout
ACL
ACN
0.150 [3.80]
3.202 [81.32]
0.150 [3.80]
4-Φ
0.1
25
[Φ
3.1
8]
3.202 [81.32]
CFM20XXS Series
CFM20XXS-P Series
PE
PE
PE
PE
VR
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified
0%
25%
50%
75%
100%
0
10
20
30
40
50
60
70
Ambient Temperature(
oC)
20LFM(Natural Convection)
0%
25%
50%
75%
100%
0
10
20
30
40
50
60
70
Ambient Temperature(oC)
20LFM(Natural Convection)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com