Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM2003S Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # CFM2003S
Description  20 WATT OPEN FRAME AC-DC MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM2003S Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  CFM2003S Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM2003S Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V17
1
︳
CFM20 SERIES
20 WATT OPEN FRAME
AC-DC
MODULES
Features
* Universal Input Range 85~264Vac
* Efficiency to 81%
* Industry Standard Pin Out
* Meets EN55032 Class B
* Continuous Short Circuit Protection
* PCB Mountable Type is Available
MODEL
OUTPUT
VOLTAGE
MAX.
LOAD
MIN.
LOAD
RIPPLE &
NOISE
NOTE 1
VOLTAGE
ACCURACY
NOTE 2
LINE
REGULATION
NOTE 3
LOAD
REGULATION
NOET4
% EFF.
(Typ.)
NOET 5
CFM2001S
5 V
4400 mA
0 A
1%
±1%
±0.5%
±1%
72%
CFM2002S
12 V
1800 mA
0 A
1%
±1%
±0.5%
±1%
79%
CFM2003S
15 V
1400 mA
0 A
1%
±1%
±0.5%
±1%
80%
CFM2005S
24 V
920 mA
0 A
1%
±1%
±0.5%
±1%
81%
CFM2007S
3.3 V
4400 mA
0 A
50mV
±1%
±0.5%
±1%
66%
CFM2009S
9 V
2450 mA
0 A
1%
±1%
±0.5%
±1%
76%.
Specifications are subject to change without notice.


Similar Part No. - CFM2003S

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CFM200M CINCON-CFM200M Datasheet
461Kb / 3P
200 WATT AC-DC POWER SUPPLY WITH PFC
CFM200M120 CINCON-CFM200M120 Datasheet
461Kb / 3P
200 WATT AC-DC POWER SUPPLY WITH PFC
CFM200M240 CINCON-CFM200M240 Datasheet
461Kb / 3P
200 WATT AC-DC POWER SUPPLY WITH PFC
CFM200M480 CINCON-CFM200M480 Datasheet
461Kb / 3P
200 WATT AC-DC POWER SUPPLY WITH PFC
More results

Similar Description - CFM2003S

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
AC05 INTRONICS-AC05 Datasheet
205Kb / 1P
5 WATT OPEN FRAME AC-DC MODULES
AC10 INTRONICS-AC10 Datasheet
425Kb / 1P
10/15 WATT OPEN FRAME AC-DC MODULES
logo
List of Unclassifed Man...
CFM1001S ETC2-CFM1001S Datasheet
547Kb / 2P
10/15 WATT OPEN FRAME AC-DC MODULES
logo
CINCON ELECTRONICS Corp...
CFM05 CINCON-CFM05 Datasheet
237Kb / 2P
5 WATT OPEN FRAME AC-DC MODULES
CFM10 CINCON-CFM10 Datasheet
401Kb / 2P
10/15 WATT OPEN FRAME AC-DC MODULES
CFM40 CINCON-CFM40 Datasheet
415Kb / 3P
40/60 WATT OPEN FRAME AC-DC MODULES
CFM80S CINCON-CFM80S Datasheet
394Kb / 2P
80W WATT OPEN FRAME AC-DC MODULES
CFM81S CINCON-CFM81S Datasheet
536Kb / 5P
80 WATT OPEN FRAME AC-DC MODULES
CFM101S CINCON-CFM101S Datasheet
276Kb / 2P
100 WATT OPEN FRAME AC-DC MODULES WITH PFC
CFM260S CINCON-CFM260S Datasheet
689Kb / 5P
260 WATT OPEN FRAME AC-DC MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com