Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM40C Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # CFM40C
Description  40/60/100 Watt Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM40C Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  CFM40C Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM40C Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V13
1
︳
DIN RAIL Series
40/60/100 Watt Single Output
Features
* Universal Input Range 90~264VAC
* Efficiency up to 90%
* Meets EN55022 and CISPR/FCC Class B
* Continuous Short Circuit Protection
* LED Indicator for Power ON
* Can be Installed on DIN rail TS-35/7.5 or 15
CFM40CXXX-DR Series
CFM60CXXX-DR Series
CFM101CXXX-DR Series
MODEL
OUTPUT
VOLTAGE
OUTPUT
CURRENT
RIPPLE &
NOISE
VOLTAGE
ACCURACY
LINE
REGULATION
LOAD
REGULATION
%EFF.
(Typ.)
CFM40C033-DR
3.3 V
6 A
50mV
±1%
±0.5%
±1%
70%
CFM40C050-DR
5 V
6 A
1%
±1%
±0.5%
±1%
76%
CFM40C090-DR
9 V
4.45 A
1%
±1%
±0.5%
±1%
84%
CFM40C120-DR
12 V
3.34 A
1%
±1%
±0.5%
±1%
85%
CFM40C150-DR
15 V
2.67 A
1%
±1%
±0.5%
±1%
85%
CFM40C240-DR
24 V
1.67 A
1%
±1%
±0.5%
±1%
85%
CFM40C300-DR
30 V
1.33 A
1%
±1%
±0.5%
±1%
86%
CFM40C360-DR
36 V
1.11 A
1%
±1%
±0.5%
±1%
87%
CFM40C480-DR
48 V
0.834 A
1%
±1%
±0.5%
±1%
87%
MODEL
OUTPUT
VOLTAGE
OUTPUT
CURRENT
RIPPLE &
NOISE
VOLTAGE
ACCURACY
LINE
REGULATION
LOAD
REGULATION
%EFF.
(Typ.)
CFM60C033-DR
3.3 V
8 A
50mV
±1%
±0.5%
±1%
72%
CFM60C050-DR
5 V
8 A
1%
±1%
±0.5%
±1%
77%
CFM60C090-DR
9 V
6.67 A
1%
±1%
±0.5%
±1%
84%
CFM60C120-DR
12 V
5 A
1%
±1%
±0.5%
±1%
85%
CFM60C150-DR
15 V
4 A
1%
±1%
±0.5%
±1%
86%
CFM60C240-DR
24 V
2.5 A
1%
±1%
±0.5%
±1%
86%
CFM60C300-DR
30 V
2 A
1%
±1%
±0.5%
±1%
86%
CFM60C360-DR
36 V
1.67 A
1%
±1%
±0.5%
±1%
88%
CFM60C480-DR
48 V
1.25 A
1%
±1%
±0.5%
±1%
88%
MODEL
OUTPUT
VOLTAGE
OUTPUT
CURRENT
RIPPLE &
NOISE
VOLTAGE
ACCURACY
LINE
REGULATION
LOAD
REGULATION
%EFF.
(Typ.)
PF
(Typ.)
CFM101C120-DR
12 V
8.4 A
1%
±1%
±0.5%
±1%
87%
0.9
CFM101C150-DR
15 V
6.7 A
1%
±1%
±0.5%
±1%
87%
0.9
CFM101C200-DR
20 V
5 A
1%
±1%
±0.5%
±1%
88%
0.9
CFM101C240-DR
24 V
4.2 A
1%
±1%
±0.5%
±1%
88%
0.9
CFM101C480-DR
48 V
2.1 A
1%
±1%
±0.5%
±1%
90%
0.9


Similar Part No. - CFM40C

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CFM40 CINCON-CFM40 Datasheet
415Kb / 3P
40/60 WATT OPEN FRAME AC-DC MODULES
CFM40D CINCON-CFM40D Datasheet
450Kb / 3P
40W DUAL/TRIPLE OUTPUT AC-DC OPEN FRAME
CFM40D-01 CINCON-CFM40D-01 Datasheet
450Kb / 3P
40W DUAL/TRIPLE OUTPUT AC-DC OPEN FRAME
CFM40D-02 CINCON-CFM40D-02 Datasheet
450Kb / 3P
40W DUAL/TRIPLE OUTPUT AC-DC OPEN FRAME
CFM40M CINCON-CFM40M Datasheet
542Kb / 3P
40W MEDICAL AND ITE OPEN FRAME AC-DC MODULES
More results

Similar Description - CFM40C

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC60-05SA RECOM-RAC60-05SA Datasheet
76Kb / 2P
60 Watt Single Output
REC40-481.8SRW RECOM-REC40-481.8SRW Datasheet
75Kb / 2P
40 Watt Single Output
RACD60 RECOM-RACD60 Datasheet
114Kb / 3P
60 Watt PFC Single Output
RACD60 RECOM-RACD60_11 Datasheet
148Kb / 4P
60 Watt PFC Single Output
RACD60_1104 RECOM-RACD60_1104 Datasheet
153Kb / 4P
60 Watt PFC Single Output
RPR40-243.3S RECOM-RPR40-243.3S Datasheet
195Kb / 6P
40 Watt Single & Dual Output
RAC60-24SB RECOM-RAC60-24SB Datasheet
98Kb / 2P
60 Watt Single Output
RACD60-A RECOM-RACD60-A Datasheet
98Kb / 2P
60 Watt PFC Single Output
RP60-G RECOM-RP60-G Datasheet
458Kb / 8P
60 Watt Single Output
RAC60-SB RECOM-RAC60-SB Datasheet
100Kb / 2P
60 Watt Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com