Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM40C360-DR Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM40C360-DR
Description  40/60/100 Watt Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM40C360-DR Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM40C360-DR Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM40C360-DR Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V13
2
Specifications
CFM40C/60C/101C XXX-DR Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…................................................ 90~264Vac
Frequency …………………………..………..…………..... 47 to 63Hz
Inrush Current ……………….… CFM40C/60CXXX-DR 50A max. @240Vac
CFM101CXXX-DR 90A max. @240Vac
Conducted EMI ………………………..….…… CISPR/FCC Class B
Leakage Current ………………………..…..……….…...…… 3.5mA max.
OUTPUT SPECIFICATIONS:
Hold-up Time ………………..….. CFM40C/60CXXX-DR 8ms typ. @115Vac
CFM101CXXX-DR 10ms typ. @115Vac
Short Circuit Protection …………….….....…... Hiccup Mode (Auto Recover)
Over Voltage Protection …………..……...…….... TVS Component to Clamp
Temperature Coefficient …………..…………............................... ±0.05%/℃
GENERAL SPECIFICATIONS:
Isolation ……………………………………...…… Input to output = 4,242VDC
Operating Temperature ….…. CFM40C/60CXXX-DR 0 ~ 70℃ (see Derating Curve)
CFM101CXXX-DR …… 0 ~ 70℃ (see Derating Curve)
Storage Temperature ……………………….……....….......…........ -20~85℃
Humidity ..................................................... 93% RH max. Non-Condensing
Cooling …………………..…..…………………..……..... Natural Convection
Switching Frequency …………..… CFM40C/60CXXX-DR 66KHz Typical
CFM101CXXX-DR 100KHz Typical
MTBF ……………….… MIL-HDBK-217F, GB, 25℃/115VAC …… T.B.D hrs
Altitude ……………….……..……………………….…………………… 2000m
NOTE:
Dimensions …….….. 5.433x2.323x1.894inches (138.00x59.00x48.10mm)
1. Voltage accuracy is set at full load and 25℃ Ta.
Weight ……………………………..………..………………………… 475g
2. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to
SAFETY AND EMC:
output for Ripple & Noise measuring @20MHz BW.
Emission and Immunity …………... EN55032 Class B, FCC Part 15 Class B
3. Line regulation is measured from high line to low line with full load.
EN61000-6-3, EN61000-3-2, EN61000-3-3
4. Load regulation is measured from full to 10% load.
EN55024, EN61204-3, EN61000-6-1
5. CFM40C/60C/101C Input connector mates with DECA
Safety ………………………..……… IEC60950-1, EN60950-1, UL60950-1
T40MBB27-03 (Pitch 6.35mm) 3pin positions terminal blocks.
6. CFM40C/60C/101C Output connector mates with DECA
T40MBB27-04 (Pitch 6.35mm) 4pin positions terminal blocks
CFM40C/60C/101C XXX-DR Series
TOP VIEW
LED
Tolerance:Inches:X.XXX±0.02
All Dimensions are in inches(mm)
Millimeters:X.XX±0.5
1
CN1
CN1:
PIN CONNECTION
Pin
Function
1
2
3
ACN
ACL
2
3
1
CN2
2
3
4
CN2:
PIN CONNECTION
Pin
Function
1
2
3
Vout (+)
4
Vout (+)
Vout (-)
Vout (-)
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified
CFM40C/60C XXX-DR
0%
25%
50%
75%
100%
0
10
20
30
40
50
60
70
Ambient Temperature (oC)
20LFM (Natural Convection)
CFM101C XXX-DR
0%
20%
40%
60%
80%
100%
0
10
20
30
40
50
60
70
Ambient Temperature (
oC)
20LFM (Natural Convection)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com