Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM25S120-TYZ Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM25S120-TYZ
Description  25 WATT SINGLE OUTPUT AC-DC OPEN FRAME
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM25S120-TYZ Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM25S120-TYZ Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM25S120-TYZ Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM25S120-TYZ Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V15
2
Specifications
CFM25S Series De-rating Curve
INPUT SPECIFICATIONS:
Voltage …...…….…........……………………….........…………… 90~264Vac
120~370Vdc
Frequency …………………………………….……………………... 47 to 63Hz
Inrush Current ……..……………….. 60A max. @240Vac, Cold Start @25℃
Leakage Current …………………….…………….. 0.25mA max. @ 264Vac
Input Current …………………………….…………………………. 0.7A max.
OUTPUT SPECIFICATIONS:
Holdup Time ……………………………………………… 8ms typ. @115Vac
Short Circuit Protection …………………..…. Hiccup Mode (Auto Recovery)
Temperature Coefficient .……..……….............................… ±0.05%/℃ max.
Over Voltage Protection ………………………… TVS Component to Clamp
Over Current Protection .. 115%-200% Full Load and >10s (Auto Recovery)
Startup time ……………..……………………….…...…………………… <3.0s
GENERAL SPECIFICATIONS:
Isolation Voltage (Input to Output) ………..................……………. 3000VAC
Operating Temperature ….......... -30℃~70℃ (Derating from 50℃ to 70℃)
Storage Temperature ………….………………….………....……. -30℃~85℃
Cooling ………………………….………….…….….…….. Natural Convection
Humidity ………….……….…………...……. 93%RH max. Non Condensing
Switching Frequency .............................................................. 65KHz typical
MTBF ………. MIL-HDBK-217F, GB, 25℃/115VAC ……..… 500Khrs min.
Life Time …..…………….…………… .26000 hours min.@ 75% Load, 40℃
NOTE:
Altitude ….…………………...…… 5000m(UL60950-1), 3000m(IEC61558-1)
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Dimensions ………….. 2.000x1.100x0.980Inches(50.80x27.94x24.90mm)
ripple & noise measuring @20MHz BW.
-E: 2.091x1.193x0.976Inches (53.10x30.30x24.80mm)
2. Voltage accuracy is set at 100% rated load and 25℃ Ta.
-T: 2.776x1.100x0.906 Inches (70.50x27.94x23.00 mm)
3. Line regulation is measured from high line to low line with full load.
Weight ………….………………………………..….…… 38g, 75g(-E), 40g(-T)
4. Load regulation is measured from 10% to 100% full load.
SAFETY AND EMISSION:
5. Typical efficiency at 230vac and full load at 25℃.
Emission and Immunity ……….…. EN55032 Class B, FCC Part 15 Class B
6. T Version wafer with JST B3B-XH / B4B-XH and mate with JST
EN61000-6-3, EN61000-6-4, EN61000-3-2, EN6100-3-3
housing XH series or equivalent.
Immunity …………..… EN55024, EN61204-3, EN61000-6-1, EN61000-6-2
7. PL (peak load function) lasting time <10 seconds with a maximum 10%
Safety ……………………….……. IEC/EN/UL60950-1, IEC/EN/UL62368-1
duty cycle and must add external 33uF/400V capacitor to BC+ & BC-
Mechanical Specification
-Vout
+Vout
PIN CONNECTION
1
2
3
4
Function
ACL
ACN
Pin
Φ0.039[1.00]
2.091[53.10]
0.145[3.69]
1.800[45.72]
2.000[50.80]
1.800[45.72]
Φ0.039[1.00]
Φ0.071[1.80]
CFM25SXXX
1
2
4
3
2
1
4
3
CFM25SXXX-E
BOTTOM VIEW
0.100[2.54]
0.100[2.54]
0.145[3.69]
Tolerance:Inches:X.XXX±0.02
All Dimensions are in inches[mm]
Millimeters:X.XX±0.5
CFM25S050, CFM25S050-T
0%
25%
50%
75%
100%
-30 -20
-10
0
10
20
30
40
50
60
Ambient Temperature (
oC)
20LFM(NaturalConvection)
CFM25S120(-T), CFM25S150(-T), CFM25S240(-T)
CFM25S360(-T), CFM25S480(-T), CFM25SXXX-E
0%
25%
50%
75%
100%
-30 -20 -10
0
10
20
30
40
50
60
70
Ambient Temperature (
oC)
20LFM(Natural Convection)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com