Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM41S360 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM41S360
Description  40 WATT SINGLE OUTPUT AC-DC OPEN FRAME
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM41S360 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM41S360 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM41S360 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM41S360 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V12
2
Specifications
CFM41S Series De-rating Curve
INPUT SPECIFICATIONS:
Voltage .....…….…...………………….…..……………………… 90~264Vac
120~370Vdc
Frequency ………………………………………….……………..... 47 to 63Hz
Inrush Current ……..…………...…. 70A max. @240Vac, Cold Start @25℃
Leakage Current ……………………….………….. 0.25mA max. @ 264Vac
Input Current ………..……………… 100Vac/1A max., 240Vac/0.55A max.
OUTPUT SPECIFICATIONS:
Holdup Time ………………………..…………………… 10ms typ. @115Vac
Short Circuit Protection ………………..…… Hiccup Mode (Auto Recovery)
Temperature Coefficient .…………………….............................… ±0.05%/℃
Over Voltage Protection ……….……………..… TVS Component to Clamp
Startup time ……………………….…….….. 115Vac<2s typ. 230Vac<1s typ.
Switching Frequency ……………..………………….….……. 65KHz Typical
GENERAL SPECIFICATIONS:
Isolation Voltage(Input to Output) ……………..…...………………. 3000VAC
Operating Temperature ............................. -40~85℃ (See Derating Curve)
Storage Temperature ……………......……..……………....……. -40℃~85℃
Cooling …………………………………….……….…….. Natural Convection
Humidity ……….….…………………...……. 93%RH max. Non condensing
MTBF …….… MIL-HDBK-217F, GB, 25℃/115VAC ….……. 350Khrs min
Life time ….…….……….…..………… 26000 hours min.@ 75% Load, 40℃
NOTE:
Altitude ….………………………………………..………………..…… 5000m
1. Voltage accuracy is set of 100% rated load.
Dimensions …………… 2.000x2.000x1.01 inches (50.80x50.80x25.6 mm)
2. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
-E: 2.14x2.14x1.043 inches (54.37x54.37x26.5 mm)
ripple&noise measuring @20MHz BW.
-T: 2.70x2.00x0.941 inches (68.58x50.80x23.9 mm)
3. Line regulation is measured from high line to low line with full load
Weight ………..………………….…………………… 61g, 142g(-E), 64g(-T)
4. Load regulation is measured from 10% to 100% full load.
SAFETY AND EMISSION:
5. Typical efficiency at 230VAC and full load at 25℃
Emission and Immunity ………… EN55032 Class B, FCC Part 15 Class B
6. PL(peak load function) Lasting time < 10 seconds with a maximum 10%
EN61000-3-2, EN61000-3-3, EN61000-6-1, EN61000-6-2
duty cycle and must add external 68uF / 400V capacitor to BC+ & BC-.
EN61000-6-3, EN61000-6-4, EN55024, EN61204-3
7. CFM41SXXX-T input and output connectors (CN1 and CN2) wafer with
Safety ……………………………………..…..... Class II, IEC/EN/UL62368-1
TAIWAN KING PIN TERMINAL PVHI series and mate with JST housing
VHR series or equivalent.
Mechanical Specification
CFM41SXXX
Φ0.071[1.80]
Φ0.039[1.00]
0.100[2.54]
0.225[5.72]
0.830[21.08]
2.000[50.80]
0.100[2.54]
ACL
ACN
BC+
BC-
Vo+
Vo-
Tolerance:Inches:X.XXX±0.02
All Dimensions are in inches[mm]
Millimeters:X.XX±0.5
-Vout
+Vout
PIN CONNECTION
1
2
3
4
5
6
Function
ACL
ACN
Pin
BC-
BC+
CFM41SXXX、CFM41SXXX-E
CFM41SXXX-T



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com