Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM80S Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM80S
Description  80W WATT OPEN FRAME AC-DC MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM80S Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM80S Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM80S Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V13
2
Specifications
CFM80S Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…......................................................... 90~264Vac
120~370Vdc
Frequency …………………………..…..………………………..... 47 to 63Hz
Inrush Current ………………….…… Cold start @25℃100A max. @240Vac
Input Current ……….……………..…. 100Vac/1.5A max., 240Vac/0.8A max.
Leakage Current ……………………..………………….…...…… 3.5mA max.
OUTPUT SPECIFICATIONS:
Holdup Time …………………………..……………….… 12mS typ. @115Vac
Short Circuit Protection …………………….... Hiccup Mode (Auto Recover)
Over Voltage Protection ………………...……..... TVS Component to Clamp
Temperature Coefficient ……………………................................. ±0.05%/℃
GENERAL SPECIFICATIONS:
Isolation ……………………..……………….…… Input to output = 3000VAC
Operating Temperature ............................ -20 ~ 80℃ (see derating curve)
Derating curve for Natural Convection
0%
25%
50%
75%
100%
-20 -10
0
10
20
30
40
50
60
70
80
Ambient Temperature(oC)
20LFM(Natural Convection)
Storage Temperature …………………………....….........…........ -20℃~85℃
NOTE:
Humidity ..................................................... 93% RH max. Non-Condensing
1. Voltage accuracy is set at full load.
Cooling ………………………..…………………..……..... Natural Convection
2. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Switching Frequency ………………………………….……. 100KHz Typical
ripple&noise measurement @20MHz BW.
Dimensions
3. Line regulation is measured from high line to low line with full load.
Open Frame ……….. 4.000x2.000x1.07 inches (101.6x50.8x27.1 mm)
4. Load regulation is measured from 10% to 100% full load.
-P ……………..… 4.000x2.000x1.142 inches (101.6x50.8x29.00 mm)
5. Typical efficiency at 230 VAC and full load at 25°C.
Weight ……………………………….……..………………………...…… 155g
6. Standard input and output connectors (CN1 and CN2) wafer with
SAFETY AND EMC:
TAIWAN KING PIN TERMINAL PVHI series and mate with JST
Emission and lmmunity ………… EN55032 Class B, FCC Part 15 Class B
housing VHR series and JST SVH-21/41T-P1.1 series crimp terminal
EN61000-6-3, EN61000-3-2, EN61000-3-3
or equivalent.
EN 5 5 0 2 4 , E N 6 1 2 0 4- 3 , EN 6 1 0 0 0 - 6 - 1
Safety …………………… Class I, IEC/EN/UL60950-1, IEC/EN/UL62368-1
Mechanical Specification
6
5
4
3
2
1
Neutral
2
Function
Pin
PIN CONNECTION
6
5
Vout(-)
Vout(-)
4
Vout(+)
3
Vout(+)
2
Vout(+)
1
Function
Pin
PIN CONNECTION
CN2:
3.645[92.58]
0.165[4.19]
0.039[1.00]
0.071[1.80]
3.700[93.98]
4.000[101.60]
0.150[3.81]
1
2
CN2
CN1
ACL
ACN
1
Line
CN1:
Vout(-)
4.000[101.60]
3.700[93.98]
All Dimensions in Inches[mm]
Tolerance Inches:x.xxx±0.02
Millimeters:x.xx±0.5
PE
ACL 1
2
ACN 3
CN1
VR
0.150[3.81]
CN2
1
2
3
4
5
6
PE
CFM80SXXX
CFM80SXXX-P
(Input/Output Connector with PIN)
VR
PE
PE
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com