Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM81S Datasheet(PDF) 4 Page - CINCON ELECTRONICS Corporation

Part # CFM81S
Description  80 WATT OPEN FRAME AC-DC MODULES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM81S Datasheet(HTML) 4 Page - CINCON ELECTRONICS Corporation

  CFM81S Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM81S Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM81S Datasheet HTML 3Page - CINCON ELECTRONICS Corporation CFM81S Datasheet HTML 4Page - CINCON ELECTRONICS Corporation CFM81S Datasheet HTML 5Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.cincon.com
4
REVISION: V11
CFM81S Series
CHARACTERISTIC CURVE
Power Derating Curve
Peak Load Vin De-Rating
Power Derating
Performance Data
0
20
40
60
80
100
120
140
160
180
200
90 110 130 150 170 190 210 230 250
20LFM(Natural Convection)
Vin Voltage(Vac)
0%
25%
50%
75%
100%
-30 -20 -10 0
10 20 30 40 50 60 70 80
Ambient Temperature(oC)
Derating curve for Natural Convection
20LFM(Natural Convection)
0%
25%
50%
75%
100%
-30
-20
-10
0
10
20
30
40
50
60
70
80
Ambient Temperaure (℃)
CFM81S120-CA
Derating Curve for Natural Convection
20LFM(Natural Convection)
0%
25%
50%
75%
100%
-30
-20
-10
0
10
20
30
40
50
60
70
80
Ambient Temperaure (℃)
CFM81S150/240/480-CA
Derating Curve for Natural Convection
20LFM(Natural Convection)
65%
70%
75%
80%
85%
90%
95%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
Current Load (%)
CFM81S120 (Eff Vs Io)
115V
230V
65%
70%
75%
80%
85%
90%
95%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
Current Load (%)
CFM81S150 (Eff Vs Io)
115V
230V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com