Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM101S200 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM101S200
Description  100 WATT OPEN FRAME AC-DC MODULES WITH PFC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM101S200 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM101S200 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM101S200 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V13
2
Specifications
CFM101S Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…....................................................... 90~264Vac
Frequency ………………………………………….……………..... 47 to 63Hz
Inrush Current…………….........…… Cold Start @25℃ 90A max. @240Vac
Conducted EMI ……………………………………..…… CISPR/FCC Class B
Leakage Current ……...…………………………………… 3.5mA max.
OUTPUT SPECIFICATIONS:
Hold-up Time …………………………………………… 10mS typ. @115Vac
Short Circuit Protection ……………………………….…………… Continuous
Over Voltage Protection ………………………… TVS Component to Clamp
Temperature Coefficient ……………………............................… ±0.05%/℃
GENERAL SPECIFICATIONS:
NOTE:
Isolation ………………………………………… Input to output = 4,242VDC
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Operating Temperature .................... 0 ~ 70℃ (see derating curve)
Ripple & Noise measurement @20MHz BW.
Storage Temperature ……………………………...….......……...... -20 ~ 85℃
2. Voltage accuracy is set at 100% full load.
Humidity …………………...….......……........ 93% RH max. Non condensing
3. Line regulation is measured from high line to low line with full load.
Cooling …………………………………………………….. Natural Convection
4. Load regulation is measured from 10% to 100% full load.
Switching Frequency ………………………………………… 100KHz Typical
5. Typical efficiency at 230VAC and full load at 25℃.
MTBF ……… MIL-HDBK-217F, GB, at 25℃/115VAC …….. 200Khrs min.
6. Input connector mates with Molex housing 09-50-3031 and Molex 2878
Altitude …………………………………………………………………… 2000m
series crimp terminal.
Dimensions …….…… 101.6x50.8x27.94 mm(4.000x2.000x1.100 inches)
7.Output connector mates with Molex housing 09-50-3041 and Molex 2878
Weight ………………………………………………………………………. 150g
series crimp terminal.
SAFETY AND EMC:
Emission and lmmunity ……………………………….….. EN55032 Class B
FCC Part 15 subpart B Class B, EN55024,EN61204-3,EN61000-6-3
EN61000-6-1,EN61000-3-2,EN61000-3-3
Safety ………. Class I, IEC60950-1 2nd, EN60950-1 2nd, UL60950-1 2nd
Mechanical Specification
Millimeters:x.x = ± 0.5 , x.xx = ± 0.25
Tolerance:
Inches:x.xx = ± 0.02 , x.xxx = ± 0.010
All Dimensions In Inches[mm]
0.150[3.80]
3.701 [94.00]
4.000±0.039 [101.6±1.00]
LED
4
CN2
CN1
VR
PIN CONNECTION
Function
Line
Not Fitted
Neutral
Pin
CN1:
1
2
3
PIN CONNECTION
Function
Vout(+)
Pin
CN2:
1
2
3
4
Vout(+)
Vout(-)
Vout(-)
ACL 1
2
ACN 3
3
2
1
Typical at 25
, nominal line and 75% load, unless otherwise Specified
℃
0%
20%
40%
60%
80%
100%
0
10
20
30
40
50
60
70
Ambient Temperature(oC)
20LFM(Natural Convection)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com